Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 10 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 10 Page - ams AG

Back Button AS1376 Datasheet HTML 6Page - ams AG AS1376 Datasheet HTML 7Page - ams AG AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG AS1376 Datasheet HTML 10Page - ams AG AS1376 Datasheet HTML 11Page - ams AG AS1376 Datasheet HTML 12Page - ams AG AS1376 Datasheet HTML 13Page - ams AG AS1376 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
9 - 19
AS1376
Datasheet - Detailed Descr i pti on
8 Detailed Description
The AS1376 is a low-dropout, low-quiescent-current linear regulator intended for LDO regulator applications where output current load
requirements range from no load to 1A. All devices come with fixed output voltage from 0.5V to 3.3V. (see Ordering Information on page 18).
Shutdown current for the whole regulator is typically 20nA. The device has integrated short-circuit and over current protection. Under-Voltage
lockout prevents erratic operation when the input voltage is slowly decaying (e.g. in a battery powered application). Thermal Protection shuts
down the device when die temperature reaches 150°C. This is a useful protection when the device is under sustained short circuit conditions.
As illustrated in Figure 17, the devices comprise voltage reference, error amplifier, N-channel MOSFET pass transistor, internal voltage divider,
current limiter, thermal sensor and shutdown logic.
The bandgap reference is connected to the inverting input of the error amplifier. The error amplifier compares this reference with the feedback
voltage and amplifies the difference. If the feedback voltage is lower than the reference voltage, the N-channel MOSFET gate is pulled higher,
allowing more current to pass to the output, and increases the output voltage. If the feedback voltage is too high, the pass-transistor gate is
pulled down, allowing less current to pass to the output.
When the adjustable output variant is selected, an external resistor voltage divider is connected to FB pin and a sample of the output is
compared to the 500mV reference.
When a fixed output variant is chosen, FB must be connected to the Output pin. Depending upon the variant chosen, the internal reference is
trimmed to the final output voltage. See Electrical Characteristics (page 4) for final voltages and tolerances.
Figure 17. AS1376 Block Diagram
RDISCHARGE
Shutdown
Power On
Control Logic
Reference
Core
Thermal Overload
Protection
Bandgap
Voltage & Current
Reference
+
-
Error
Amplifier
QDISCHARGE
OUT
VBIAS
VIN
GND
QPOWER
AS1376
EN
EP
FB
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com