Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 12 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 12 Page - ams AG

Back Button AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG AS1376 Datasheet HTML 10Page - ams AG AS1376 Datasheet HTML 11Page - ams AG AS1376 Datasheet HTML 12Page - ams AG AS1376 Datasheet HTML 13Page - ams AG AS1376 Datasheet HTML 14Page - ams AG AS1376 Datasheet HTML 15Page - ams AG AS1376 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
11 - 19
AS1376
Datasheet - Application In form atio n
9 Application Information
9.1 Dropout Voltage
Dropout is the input to output voltage difference, below which the linear regulator ceases to regulate. At this point, the output voltage change
follows the input voltage change. Dropout voltage may be measured at different currents and, in particular at the regulator maximum one. From
this is obtained the MOSFET maximum series resistance over temperature etc. More generally:
(EQ 1)
Dropout is probably the most important specification when the regulator is used in a battery application. The dropout performance of the
regulator defines the useful “end of life” of the battery before replacement or re-charge is required.
Figure 19. Graphical Representation of Dropout Voltage
Figure 19 shows the variation of VOUT as VIN is varied for a certain load current. The practical value of dropout is the differential voltage (VOUT-
VIN) measured at the point where the LDO output voltage has fallen by 100mV below the nominal, fully regulated output value. The nominal
regulated output voltage of the LDO is that obtained when there is 500mV (or greater) input-output voltage differential.
9.2 Auto-Discharge
AS1376 features an auto-discharge function that discharges the load capacitance through a 100
 (typ) path to ground when the device is
placed in shutdown. This helps to minimizes the possibility that VOUT > VIN during shutdown caused by differing capacitance discharge rates at
VIN and VOUT terminals.
When VOUT > VIN, reverse current flows through the inherent body diode of the N-channel series pass transistor. This current should be limited
to 50mA or less. If this is not possible, then an external Schottky diode should be connected between VOUT (anode) and VIN (cathode) to
bypass the discharge current around the AS1376.
9.3 Efficiency
Low quiescent current and low input-output voltage differential are important in battery applications amongst others, as the regulator efficiency is
directly related to quiescent current and dropout voltage. Efficiency is given by:
Efficiency =
%(EQ 2)
Where:
IQ = Quiescent current of LDO measured at VBIAS
V
DROPOUT
I
LOAD
R
SERIES
=
Dropout
Voltage
100mV
VIN
VOUT
VOUT
VIN
VOUT
VIN =VOUT(TYP) +0.5V
VIN
V
LOAD
I
LOAD
V
IN IQ
I
LOAD
+

---------------------------------------
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com