Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 5Page - Renesas Technology Corp PD720201 Datasheet HTML 6Page - Renesas Technology Corp PD720201 Datasheet HTML 7Page - Renesas Technology Corp PD720201 Datasheet HTML 8Page - Renesas Technology Corp PD720201 Datasheet HTML 9Page - Renesas Technology Corp PD720201 Datasheet HTML 10Page - Renesas Technology Corp PD720201 Datasheet HTML 11Page - Renesas Technology Corp PD720201 Datasheet HTML 12Page - Renesas Technology Corp PD720201 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
μPD720201/μPD720202
2. PIN FUNCTION
R19DS0047EJ0500 Rev. 5.00
Page 9 of 40
Jan. 17, 2013
2.3.3
USB Interface
Table 2-6.
USB Interface
Pin Name
720201
Pin No.
720202
Pin No.
I/O
Type
Active
Level
Function
U3TXDP1
35
28
O
(USB3)
−
USB3.0 Transmit data D+ signal for SuperSpeed
U3TXDN1
36
29
O
(USB3)
−
USB3.0 Transmit data D- signal for SuperSpeed
U3RXDP1
38
31
I
(USB3)
−
USB3.0 Receive data D+ signal for SuperSpeed
U3RXDN1
39
32
I
(USB3)
−
USB3.0 Receive data D- signal for SuperSpeed
U2DP1
41
35
I/O
(USB2)
−
USB2.0 D
+ signal for Hi-/Full-/Low-Speed
U2DM1
42
36
I/O
(USB2)
−
USB2.0 D
− signal for Hi-/Full-/Low-Speed
OCI1B
26
19
I
(3.3 V
Input)
Low
Over-current status input signal.
0: Over-current condition is detected
1: No over-current condition is detected
PPON1
27
20
O
(3.3 V
Output)
High
USB port power supply control signal.
0: Power supply OFF
1: Power supply ON
U3TXDP2
44
37
O
(USB3)
−
USB3.0 Transmit data D+ signal for SuperSpeed
U3TXDN2
45
38
O
(USB3)
−
USB3.0 Transmit data D- signal for SuperSpeed
U3RXDP2
47
40
I
(USB3)
−
USB3.0 Receive data D+ signal for SuperSpeed
U3RXDN2
48
41
I
(USB3)
−
USB3.0 Receive data D- signal for SuperSpeed
U2DP2
50
44
I/O
(USB2)
−
USB2.0 D
+ signal for Hi-/Full-/Low-Speed
U2DM2
51
45
I/O
(USB2)
−
USB2.0 D
− signal for Hi-/Full-/Low-Speed
OCI2B
24
17
I
(3.3 V
Input)
Low
Over-current status input signal.
0: Over-current condition is detected
1: No over-current condition is detected
PPON2
25
18
O
(3.3 V
Output)
High
USB port power supply control signal.
0: Power supply OFF
1: Power supply ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com