Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 21Page - Renesas Technology Corp PD720201 Datasheet HTML 22Page - Renesas Technology Corp PD720201 Datasheet HTML 23Page - Renesas Technology Corp PD720201 Datasheet HTML 24Page - Renesas Technology Corp PD720201 Datasheet HTML 25Page - Renesas Technology Corp PD720201 Datasheet HTML 26Page - Renesas Technology Corp PD720201 Datasheet HTML 27Page - Renesas Technology Corp PD720201 Datasheet HTML 28Page - Renesas Technology Corp PD720201 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 25 of 40
Jan. 17, 2013
(2/2)
Parameter
Symbol
2.5GT/s
5.0GT/S.
Units
Rx AC common mode voltage
V
RX-CM-AC-P
150(max)
150(max)
mVP
DC input CM input Impedance for
V>0 during Reset or power down
Z
RX-HIGH-IMP-DC-POS
50k(min)
50k(min)
Ω
DC input CM input Impedance for
V<0 during Reset or power down
Z
RX-HIGH-IMP-DC-NEG
1.0k(min)
1.0k(min)
Ω
Electrical Idle Detect Threshold
V
RX-IDLE-DET-DIFFp-p
65(min)
175(max)
65(min)
175(max)
mV
Unexpected Electrical Idle Enter
Detect Threshold Integration Time
t
RX-IDLE-DET-DIFF-
ENTERTIME
10(max)
10(max)
ms
Lane to Lane skew
L
RX-SKEW
20(max)
8(max)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com