Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PD720201 Datasheet HTML 1Page - Renesas Technology Corp PD720201 Datasheet HTML 2Page - Renesas Technology Corp PD720201 Datasheet HTML 3Page - Renesas Technology Corp PD720201 Datasheet HTML 4Page - Renesas Technology Corp PD720201 Datasheet HTML 5Page - Renesas Technology Corp PD720201 Datasheet HTML 6Page - Renesas Technology Corp PD720201 Datasheet HTML 7Page - Renesas Technology Corp PD720201 Datasheet HTML 8Page - Renesas Technology Corp PD720201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
μPD720201/μPD720202
ASSP (USB3.0 HOST CONTROLLER)
R19DS0047EJ0500 Rev. 5.00
Page 1 of 40
Jan. 17, 2013
Data Sheet
R19DS0047EJ0500
Rev.5.00
Jan. 17, 2013
1. OVERVIEW
The
μPD720201 and μPD720202 are Renesas’ third generation Universal Serial Bus 3.0 host controllers,
which comply with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host Controller Interface
(xHCI). These devices reduce power consumption and offer a smaller package foot-print making them ideal
for designers who wish to add the USB3.0 interface to mobile computing devices such as laptops and
notebook computers.
The
μPD720201 supports up to four USB3.0 SuperSpeed ports and the μPD720202 supports up to two
USB3.0 SuperSpeed ports. The
μPD720201 and μPD720202 use a PCI Express® Gen 2 system interface
bus allowing system designers to easily add up to four (
μPD720201) or two (μPD720202) USB3.0
SuperSpeed ports to systems containing the PCI Express bus interface. When connected to USB 3.0-
compliant peripherals, the
μPD720201 and μPD720202 can transfer information at clock speeds of up to 5
Gbps. The
μPD720201 and μPD720202 and USB3.0 standard are fully compliant and backward compatible
with the previous USB2.0 standard. The new USB3.0 standard supports data transfer speeds of up to ten
times faster than those of the previous-generation USB2.0 standard, enabling quick and efficient transfers of
large amounts of information.
1.1
Features
Compliant with Universal Serial Bus 3.0 Specification Revision 1.0, which is released by USB
Implementers Forum, Inc
-
Supports the following speed data rate as follows: Low-Speed (1.5 Mbps) / Full-Speed (12
Mbps) / Hi-Speed (480 Mbps) / SuperSpeed (5 Gbps)
-
μPD720201 supports up to 4 downstream ports for all speeds
-
μPD720202 supports up to 2 downstream ports for all speeds
-
Supports all USB compliant data transfer types as follows; Control / Bulk / Interrupt /
Isochronous transfer
Compliant with Intel’s eXtensible Host Controller Interface (xHCI) Specification Revision 1.0
-
Supports USB debugging capability on all SuperSpeed ports.
Supports USB legacy function
Compliant with PCI Express Base Specification Revision 2.0
Supports Latency Tolerance Reporting ECN of PCI Express Specification
Supports ExpressCard
TM Standard Release1.0
Supports PCI Express Card Electromechanical Specification Revision 2.0
Supports PCI Bus Power Management Interface Specification Revision 1.2
Supports USB Battery Charging Specification Revision 1.2 and other portable devices
-
DCP mode of BC 1.2
-
CDP mode of BC 1.2
-
China Mobile Phone Chargers
-
EU Mobile Phone Chargers
-
Apple iOS products
Operational registers are direct-mapped to PCI memory space
Supports Serial Peripheral Interface (SPI) type ROM for Firmware
Supports Firmware Download Interface from system BIOS or system software
System clock: 24 MHz crystal
<R>
<R>


Similar Part No. - PD720201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
USB3.0 Host Controller
More results

Similar Description - PD720201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
ASSP (USB2.0 Device Controller)
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
USB3.0 Host Controller
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
M66291 RENESAS-M66291 Datasheet
937Kb / 128P
ASSP (USB2.0 Device Controller)
2004.11.01
UPD720210 RENESAS-UPD720210 Datasheet
1Mb / 44P
ASSP (Four-port USB3.0 Hub Controller)
May 26, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com