Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 25Page - Renesas Technology Corp PD720201 Datasheet HTML 26Page - Renesas Technology Corp PD720201 Datasheet HTML 27Page - Renesas Technology Corp PD720201 Datasheet HTML 28Page - Renesas Technology Corp PD720201 Datasheet HTML 29Page - Renesas Technology Corp PD720201 Datasheet HTML 30Page - Renesas Technology Corp PD720201 Datasheet HTML 31Page - Renesas Technology Corp PD720201 Datasheet HTML 32Page - Renesas Technology Corp PD720201 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 29 of 40
Jan. 17, 2013
Table 3-22.
Full-Speed Source Electrical Characteristics
Parameter
Symbol
Min
Max
Units
Driver Characteristics:
Rise Time
T
FR
4
20
ns
Fall Time
T
FF
4
20
ns
Differential Rise and Fall Time
Matching
T
FRFM
90
111.11
%
Clock Timings:
Full-Speed Data Rate
T
FDRATHS
11.9940
12.0060
Mb/s
Frame Interval
T
FRAME
0.9995
1.0005
ms
Consecutive Frame Interval Jitter
T
RFI
42
ns
Full-Speed Data Timing:
Source Jitter for Differential
Transition to SE0 Transition
T
FDEOP
−2
5
ns
Source Jitter total (including
frequency tolerance):
To Next Transition
For Paired Transitions
T
DJ1
T
DJ2
−3.5
−4
3.5
4
ns
ns
Receiver Jitter:
To Next Transition
For Paired Transitions
T
JR1
T
JR2
−18.5
−9
18.5
9
ns
ns
Source SE0 interval of EOP
T
FEOPT
160
175
ns
Receiver SE0 interval of EOP
T
FEOPR
82
ns
Width of SE0 interval during
differential transition
T
FST
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com