Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 6Page - Renesas Technology Corp PD720201 Datasheet HTML 7Page - Renesas Technology Corp PD720201 Datasheet HTML 8Page - Renesas Technology Corp PD720201 Datasheet HTML 9Page - Renesas Technology Corp PD720201 Datasheet HTML 10Page - Renesas Technology Corp PD720201 Datasheet HTML 11Page - Renesas Technology Corp PD720201 Datasheet HTML 12Page - Renesas Technology Corp PD720201 Datasheet HTML 13Page - Renesas Technology Corp PD720201 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
μPD720201/μPD720202
2. PIN FUNCTION
R19DS0047EJ0500 Rev. 5.00
Page 10 of 40
Jan. 17, 2013
Pin Name
720201
Pin No.
720202
Pin No.
I/O
Type
Active
Level
Function
U3TXDP3
52
−
O
(USB3)
−
USB3.0 Transmit data D+ signal for SuperSpeed
U3TXDN3
53
−
O
(USB3)
−
USB3.0 Transmit data D- signal for SuperSpeed
U3RXDP3
55
−
I
(USB3)
−
USB3.0 Receive data D+ signal for SuperSpeed
U3RXDN3
56
−
I
(USB3)
−
USB3.0 Receive data D- signal for SuperSpeed
U2DP3
58
−
I/O
(USB2)
−
USB2.0 D
+ signal for Hi-/Full-/Low-Speed
U2DM3
59
−
I/O
(USB2)
−
USB2.0 D
− signal for Hi-/Full-/Low-Speed
OCI3B
22
−
I
(3.3 V
Input)
Low
Over-current status input signal.
0: Over-current condition is detected
1: No over-current condition is detected
PPON3
23
−
O
(3.3 V
Output)
High
USB port power supply control signal.
0: Power supply OFF
1: Power supply ON
U3TXDP4
61
−
O
(USB3)
−
USB3.0 Transmit data D+ signal for SuperSpeed
U3TXDN4
62
−
O
(USB3)
−
USB3.0 Transmit data D- signal for SuperSpeed
U3RXDP4
64
−
I
(USB3)
−
USB3.0 Receive data D+ signal for SuperSpeed
U3RXDN4
65
−
I
(USB3)
−
USB3.0 Receive data D- signal for SuperSpeed
U2DP4
67
−
I/O
(USB2)
−
USB2.0 D
+ signal for Hi-/Full-/Low-Speed
U2DM4
68
−
I/O
(USB2)
−
USB2.0 D
− signal for Hi-/Full-/Low-Speed
OCI4B
20
−
I
(3.3 V
Input)
Low
Over-current status input signal.
0: Over-current condition is detected
1: No over-current condition is detected
PPON4
21
−
O
(3.3 V
Output)
High
USB port power supply control signal.
0: Power supply OFF
1: Power supply ON
Note 1: The SuperSpeed signals (U3TXDPx, U3TXDNx, U3RXDPx, U3RXDNx) and high-/full-/low-signals
(U2DPx, U2DMx) of
μPD720201 and μPD720202 shall be connected to the same USB connecter,
Refer to
μPD720201/μPD720202 User’s Manual.
Note 2: The Timing of PPONx assertion is changed from
μPD720200. The PPONx of μPD720200A,
μPD720201 and μPD720202 are asserted after the software sets Max Device Slots
Enable(MaxSlotsEn) field in Configure(CONFIG) register or Host Controller Reset(HCRST) flag in
USBCMD register. On
μPD720200, the PPON(2:1) are asserted immediately after the PCIe Reset.
Regarding the CONFIG and USBCMD register, refer to the
μPD720201/μPD720202 User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com