Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 23Page - Renesas Technology Corp PD720201 Datasheet HTML 24Page - Renesas Technology Corp PD720201 Datasheet HTML 25Page - Renesas Technology Corp PD720201 Datasheet HTML 26Page - Renesas Technology Corp PD720201 Datasheet HTML 27Page - Renesas Technology Corp PD720201 Datasheet HTML 28Page - Renesas Technology Corp PD720201 Datasheet HTML 29Page - Renesas Technology Corp PD720201 Datasheet HTML 30Page - Renesas Technology Corp PD720201 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 27 of 40
Jan. 17, 2013
3.8.8
USB3.0 SuperSpeed Interface – Differential Receiver (RX) Specifications
(Refer to Universal Serial Bus 3.0 Specification Revision 1.0 for more information)
Table 3-19.
Receiver Normative Electrical Parameters
Parameter
Symbol
Min
Max
Units
Unit Interval
UI
199.94
200.06
ps
Receiver DC common mode
impedance
R
RX-DC
18
30
Ω
DC differential impedance
R
RX-DIFF-DC
72
120
Ω
DC Input CM Input Impedance for
V>0 during Reset of Power down
Z
RX-HIGH-IMP-DC-POS
25k
Ω
LFPS Detect Threshold
V
RX-LFPS-DET-DIFF-p-p
100
300
mV
Table 3-20.
Receiver Informative Electrical Parameters
Parameter
Symbol
Min
Max
Units
Differential Rx peak-to-peak voltage
V
RX-DIFF-PP-POST-EQ
30
mV
Max Rx inherent timing error
T
RX-Tj
0.45
UI
Max Rx inherent deterministic timing
error
T
RX-DJ-DD
0.285
UI
Rx input capacitance for return loss
C
RX-PARASITIC
1.1
pF
Rx AC common mode voltage
V
RX-CM-AC-P
150
mVPeak
Rx AC common mode voltage during
the U1 to U0 transition
V
RX-CM-DC-ACTIVE-IDLE-
DELTA-P
200
mVPeak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com