Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 10Page - Renesas Technology Corp PD720201 Datasheet HTML 11Page - Renesas Technology Corp PD720201 Datasheet HTML 12Page - Renesas Technology Corp PD720201 Datasheet HTML 13Page - Renesas Technology Corp PD720201 Datasheet HTML 14Page - Renesas Technology Corp PD720201 Datasheet HTML 15Page - Renesas Technology Corp PD720201 Datasheet HTML 16Page - Renesas Technology Corp PD720201 Datasheet HTML 17Page - Renesas Technology Corp PD720201 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 14 of 40
Jan. 17, 2013
3.3
Absolute Maximum Ratings
Table 3-4.
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Units
V
DD33, AVDD33
−0.5 to +4.6
V
Power supply voltage
V
DD10
−0.5 to +1.4
V
Input voltage, 3.3 V buffer
V
I
V
I < VDD33 + 0.5 V
−0.5 to +4.6
V
Output voltage, 3.3 V buffer
V
O
V
O <VDD33 + 0.5 V
−0.5 to +4.6
V
Output current
I
O
4 mA Type
8
mA
Storage temperature
T
stg
−65 to +125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameters.
That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded. The ratings and conditions indicated for
DC characteristics and AC characteristics represent the quality assurance range during normal
operation.
3.4
Recommended Operating Ranges
Table 3-5.
Recommended Operating Ranges
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
V
DD33, AVDD33
3.0
3.3
3.6
V
Operating voltage
V
DD10
0.9975
1.05
1.1025
V
High-level input voltage
V
IH
2.0
V
DD33+0.3
V
Low-level input voltage
V
IL
−0.3
0.8
V
Input rise time
T
ri
Normal Buffer
Schmitt Buffer
0
0
200
10
ns
ms
Input fall time
T
fi
Normal Buffer
Schmitt Buffer
0
0
200
10
ns
ms
Operating ambient temperature
(
μPD720201K8-701-BAC-A,
μPD720202K8-701-BAA-A)
T
A
0
+85
°C
Operating ambient temperature
(
μPD720201K8-711-BAC-A,
μPD720202K8-711-BAA-A)
T
A
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com