Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 7Page - Renesas Technology Corp PD720201 Datasheet HTML 8Page - Renesas Technology Corp PD720201 Datasheet HTML 9Page - Renesas Technology Corp PD720201 Datasheet HTML 10Page - Renesas Technology Corp PD720201 Datasheet HTML 11Page - Renesas Technology Corp PD720201 Datasheet HTML 12Page - Renesas Technology Corp PD720201 Datasheet HTML 13Page - Renesas Technology Corp PD720201 Datasheet HTML 14Page - Renesas Technology Corp PD720201 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
μPD720201/μPD720202
2. PIN FUNCTION
R19DS0047EJ0500 Rev. 5.00
Page 11 of 40
Jan. 17, 2013
2.3.4
SPI Interface
Table 2-7.
SPI Interface
Pin Name
720201
Pin No.
720202
Pin No.
Type
Active
Level
Function
SPISCK
18
15
O
(3.3 V
Output)
−
SPI serial flash ROM clock signal.
When the external serial ROM is not mounted,
this signal should be pulled down through a pull-
down resistor.
SPICSB
17
14
O
(3.3 V
Output)
−
SPI serial flash ROM chip select signal.
When the external serial ROM is not mounted,
this signal should be pulled down through a pull-
down resistor.
SPISI
19
16
O
(3.3 V
Output)
−
SPI serial flash ROM slave input signal.
When the external serial ROM is not mounted,
this signal should be pulled down through a pull-
down resistor.
SPISO
16
13
I
(3.3 V
Input)
-
SPI serial flash ROM slave output signal.
This signal should be pulled up through a pull-up
resistor in all cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com