Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD720201 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 20Page - Renesas Technology Corp PD720201 Datasheet HTML 21Page - Renesas Technology Corp PD720201 Datasheet HTML 22Page - Renesas Technology Corp PD720201 Datasheet HTML 23Page - Renesas Technology Corp PD720201 Datasheet HTML 24Page - Renesas Technology Corp PD720201 Datasheet HTML 25Page - Renesas Technology Corp PD720201 Datasheet HTML 26Page - Renesas Technology Corp PD720201 Datasheet HTML 27Page - Renesas Technology Corp PD720201 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 24 of 40
Jan. 17, 2013
3.8.6
PCI Express Interface – Differential Receiver (RX) Specifications
(Refer to PCI Express Base Specification Revision 2.0 for more information)
Table 3-16.
PCI Express Interface – Differential Receiver (RX) Specifications
(1/2)
Parameter
Symbol
2.5GT/s
5.0GT/S.
Units
Unit Interval
UI
399.88(min)
400.12(max)
199.94(min)
200.06(max)
ps
Differential Rx peak-peak voltage for
common Reference clock Rx
architecture
V
RX-DIFF-PP-CC
0.175(min)
1.2(max)
0.120(min)
1.2(max)
V
Differential Rx peak-peak voltage for
data clocked Rx architecture
V
RX-DIFF-PP-DC
0.175(min)
1.2(max)
0.100(min)
1.2(max)
V
Receiver eye time opening
t
RX-EYE
0.40(min)
Not specified
UI
Max Rx inherent timing error
t
RX-TJ-CC
Not specified
0.40(max)
UI
Max Rx inherent timing error
t
RX-TJ-DC
Not specified
0.34(max)
UI
Max Rx inherent deterministic timing
error
t
RX-DJ-DD-CC
Not specified
0.30(max)
UI
Max Rx inherent deterministic timing
error
t
RX-DJ-DD-DC
Not specified
0.24(max)
UI
Max time delta between median and
deviation from median
t
RX-EYE-MEDIAN-to-MAX-
JITTER
0.3(max)
Not specified
UI
Minimum width pulse at Rx
t
RX-MIN-PULSE
Not specified
0.6(min)
UI
Min/max pulse voltage on
consecutive UI
t
RX-MAX-MIN-RATIO
Not specified
5(max)
-
Maximum Rx PLL bandwidth
B
WRX-PLL-HI
22(max)
16(max)
MHz
Minimum Rx PLL BW for 3dB
peaking
B
WRX-PLL-LO-3DB
1.5(min)
8(min)
MHz
Minimum Rx PLL BW for 1dB
peaking
B
WRX-PLL-LO-1DB
Not specified
5(min)
MHz
Rx PLL peaking with 8 MHz min BW
P
KGRX-PLL1
Not specified
3.0
dB
Rx PLL peaking with 5MHz min BW
P
KGRX-PLL2
Not specified
1.0
dB
Rx package plus Si differential return
loss
R
LRX-DIFF
10(min)
10(min) for 0.05 –
1.25GHz
8(min) for 1.25 –
2.5GHz
dB
Common mode Rx return loss
R
LRX-CM
6(min)
6(min)
dB
Receiver DC single ended
impedance
Z
RX-DC
40(min)
60(max)
40(min)
60(max)
Ω
DC differential impedance
Z
RX-DIFF-DC
80(min)
120(max)
Not specified
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com