Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JKXFD1G05MCSM Datasheet HTML 1Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
31
JKX Series
• Sealed IP 68 (mated connectors)
• Mechanically keyed : ensures correct polarization
and alignment.
• Contact arrangements : from 2 to 10 contacts.
• Wire gauge range from 28 AWG to 14 AWG.
• High contact density in a small space.
• Contact termination in either crimp, solder or
PCB contacts.
Part number system
M
S D S
C
M
05
G
1
FD
JKX
Basic series
Shell configuration
FD - ER - EP - PC
Size
0 - 1
Keying
G
Contact layouts
02 ---------- 10 (see page 33)
Contact type
M : pin
F : socket (in relation with keying)
Contact termination
C : crimp ; S : solder ; P* : straight PCB tails ; Q* : 90° PCB tails ; W : 0.7 mm clipped
solder
Material & surface plating
S : Outer shell in brass alloy with glossy chrome over nickel
N : Outer shell in brass alloy with black plating (consult us)
D : Obligatory suffix
S : Insulator in PPS
P : Insulator in Peek (for Ø 0.5 mm contacts only)
Obligatory suffix for layouts including contacts of Ø 0.5 mm
Options
M : Connector with backnut for protective boot (protective boot to order separately page 34)
G : Connector adapted to accomodate larger cables (Ø 4.5 to 6 in size 0 and Ø 6 to 8 in size 1)
R : Red dot (possible for FD, PC, ER only)
* For receptacles with female contacts only.
Key features
User advantages
Temporary immersion IP 68
6-collet cluster
Allows a wide range of cable diameter
applications for a single connector.
Reduces inventory variations.
Removable contacts
Crimp versions allow easier wiring and
maintenance.


Similar Description - JKXFD1G05MCSM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640077 MOLEX4-0191640077 Datasheet
83Kb / 2P
Perma-Seal??Step Down Butt Splice from 10-12 AWG to 14-16 AWG
logo
List of Unclassifed Man...
W28-6H ETC2-W28-6H Datasheet
4Mb / 1P
AWG 28 TEFZEL WIRE
logo
Molex Electronics Ltd.
63900-0200 MOLEX11-63900-0200 Datasheet
49Kb / 1P
FineAdjust Applicator, 14 AWG Wire
63900-0700 MOLEX11-63900-0700 Datasheet
49Kb / 1P
FineAdjust Applicator, 14-16 AWG Wire
63900-1800 MOLEX11-63900-1800 Datasheet
50Kb / 1P
FineAdjust Applicator, 14-20 AWG Wire
63900-4300 MOLEX11-63900-4300 Datasheet
49Kb / 1P
FineAdjust Applicator, 28-32 AWG Wire
logo
Amphenol Corporation
P-UE66-X04-XXX0 AMPHENOL-P-UE66-X04-XXX0 Datasheet
86Kb / 1P
REQUIREMENT TO BUILD UP 28 AWG WIRE
logo
Molex Electronics Ltd.
0011260069 MOLEX-0011260069 Datasheet
49Kb / 1P
Applicator for M211A Bench Press, 14-28 AWG Wire
08/25/2022
0639001800 MOLEX-0639001800 Datasheet
32Kb / 1P
FineAdjust Applicator, 14-20 AWG Wire
08/26/2022
0639004300 MOLEX-0639004300 Datasheet
32Kb / 1P
FineAdjust Applicator, 28-32 AWG Wire
08/25/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com