Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JKXFD1G05MCSM Datasheet HTML 1Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
34
JKX Series
Options
• Protective boot
Protective boot can accept multiple cable diameters
• Caps : an efficient protection until 2 bars
With each JKX connector, one protective boot can accept diverse cable diameters thus the end-user can manage various cable
diameters without bothering with multiple part numbers.
Material :
ELASTOLLAN (PUR)
Working temperature :
- 40°C ; + 80°C
- 40°F ; + 176°F
Dimensions
Part
Shell
Shell size
number
size
Option
Ø AL
Ø Câble
G
min
Max.
JBX 0 MP*
0
-
2.2
20
1.5
5.5
JBX 1 MP*
1
0
2.6
25
2
7.5
JBX 2 MP*
-
1
4
30
3.5
9.7
Color code
Colors
A
blue
B
white
G
grey
J
yellow
M
brown
N
black
R
red
V
green
O
orange
* Color code
Part number
Ø
JKX BR0
15
JKX BR1
17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com