Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
JKX Series
Wiring and assembly instructions
• Panel cutout
• Removable contacts
Crimp contacts
Solder contacts
Contact
Usable cables
Max.
Contact
Endurance
Core section (mm2)
current
resistance
(number
Ø C
Ø F
AWG
rating (A)
(m
Ω)
of cycles)
min
Max.
0.7
0.85
0.129
0.326
22 - 24 - 26
7
5
500 Max.
0.9
1.1
0.205
0.518
20 - 22 - 24
10
3.5
> 1000
1.3
1.4
0.326
0.823
18 - 20 - 22
15
3
> 1000
Contact
Usable cables
Max.
Contact
Endurance
Core section (mm2)
current
resistance
(number
Ø C
Ø F
AWG
rating (A)
(m
Ω)
of cycles)
min
Max.
0.9
0.8
-
0.21
24
10
3.5
> 1000
1.3
1.1
-
0.60
20
15
3
> 1000
The conductor bucket on the solder contacts is designed with an angle to form a cup into which the solder can flow easily.
• Fixed contacts
Solder contacts
Contact
Usable cables
Max.
Contact
Endurance
Shell
Core section
current
resistance
(number
Ø C
Ø F
size
(mm2) Max.
AWG
rating (A)
(m
Ω)
of cycles)
0.5
0.5
0 - 1
0.096
28
5
10
> 1000
0.7
0.63
0 - 1
0.15
26
7
5
> 1000
Contacts for PCB
Size
0
1
Ø A
14.1
16.1
B
12.6
14.6
Contacts for PCB
Contact length dimensions “L”
PCB tail length size 0
dimension “L” 5.5 mm
0.7 mm female PCB tail length size 0
dimension “L” 3.5 mm
0.7 mm female PCB tail length size 1
dimension “L” 4.0 mm
0.9 mm female PCB tail length size 0
dimension “L” 3.5 mm
0.9 mm female PCB tail length size 1
dimension “L” 4.0 mm
1.3 mm female PCB tail length size 1
dimension “L” 4.0 mm, dimension “F” 0.7 mm
B +0.2
–0
ø+0.3
+0.1
0.7
1.0
-
0.3
22
7
5
500 Max.
36



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com