Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JKXFD1G05MCSM Datasheet HTML 1Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
JKX Series
Keying
Contacts
• Multi contacts inserts
G keying is available in standard version (0°
keying angle, plugs with pin contacts,
receptacles with female contacts) for the 4
shell types. Reverse gender available in all
layouts.
Shell size
Key
ER
EP
PC
FD
0
G
qq
_
q
1
G
qqqq
q Concerning the availability of other alternatives, please consult our commercial office.
Male
AWG
Max.
Testing
Working
Shell
insulator
Contact
S
C
P*
Q*
Ø
Solder
Crimp
current
voltage
voltage
size
viewed from
layout
solder
crimp
straight
90°
Contact
wire
wire
rating
(Vdc /
wiring side
PCB tails
PCB tails
Max.
Max.
(A)
(Vrms)
Vrms)
02
S
C
P
Q
0.9
24
20
10
1400
660/460
03
S
C
P
Q
0.9
24
20
8
1300
600/420
04
S
C
P
Q
0.7
26
22
7
1400
660/460
05
S
C
P
Q
0.7
26
22
6.5
800
400/260
06
S
P
0.5
28
-
2.5
680
320/220
07
S
P
0.5
28
-
2.5
680
320/220
02
S
C
P
1.3
20
18
15
1600
760/530
03
S
C
P
Q
1.3
20
18
12
1300
600/420
04
S
C
P
Q
0.9
24
20
10
1900
900/630
05
S
C
P
Q
0.9
24
20
9
1400
660/460
06
S
C
P
Q
0.7
26
22
7
1400
660/460
07
S
C
P
Q
0.7
26
22
7
1400
660/460
08
S
C
P
Q
0.7
26
22
5
1200
600/420
10
S
P
0.5
28
-
2.5
600
300/200
Inserts with fixed contacts (non removable contacts)
* For receptacles with female contacts only
Available Contact types
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com