Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
38
JKX Series
• Connector preparation
1 - Select the proper collet ➃ and the cable
seal ➂ (see page 39).
2 - Slide protective boot ➅, the backnut ➄, the
collet ➃, the cable seal ➂, the outershell ➁
and the taper seat ➀ onto the cable. Strip end
of cable (see pg. 16)
• Contacts wiring : crimp contacts
1 - Select the proper crimping tool (see page 48)
2 - Adjust the crimping tool based on the wire
size “AWG”. (See wire size and crimp tool
settings on the back of this locator.)
3 - Crimp the contacts ➃ then insert the contact
into the insulator until the clip is fully seated
and cannot be removed.
• Contacts wiring : solder contacts
Fixed solder contacts 0.5 mm and 0.7 mm
Removable solder contacts from 0.9 mm to 1.3 mm
1 - Insert wire into solder cup and solder
1 - Insert wire into solder cup and solder
2 - Insert the contact into the insulator until the clip is fully seated and cannot be removed.
• Connector assembly
1 - In case of shielded cable, comb out the shield
and fold back over the tapper seat ➀.
2 - Position 2 half bushes ➈, making sure that the
insert key appears through the windows of one
bush.
3 - Position the taper seat ➀ on the half bushes ➈.
4 - Position all the sub-assembly in connector
housing ➉, making sure to keep the sub-
assembly well aligned.
5 - Screw the outershell ➁ following the torque
values on page 39. Install the cable seal ➂ and
the collet ➃ into the outershell ➁ then screw
the backnut ➄ till bottoming. Use 2 wrenches
well positionned on the flats A and B. Place a
wrench to grip flats B, use the other wrench to
tighten the backnut at the flats A following the
torque values on page 39.
6 - Install the protective boot ➅ if applicable.
Wiring and assembly
instructions :
STRAIGHT PLUG
• Cable stripping : see page 37



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com