Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JKXFD1G05MCSM Datasheet HTML 1Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
32
JKX Series
Shell type
• Available JKX shells
• Dimensions
FD : Straight plug with cable clamping
Size
0
1
A
47
57
Ø B
12
15
Ø M
1.5 to 4.5
2 to 6
ER : Fixed receptacle, front panel mounting
Size
0
1
A
19.5
24.5
B
4.5
8.5
C
4
4.5
Ø D
18
20
EP : Fixed receptacle, back panel mounting
Size
0
1
A
19.5
24.5
B
4.5
6
C
3.2
4
Ø D
18
20
PC : Cable mounted receptacle
• Option G : to accomodate bigger cables
Size
0
1
A
51
60
Ø B
12
15
Ø M
4.6 to 6
6 to 8
Size
0
1
A
_
60
Ø B
_
16
Ø C
_
2 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com