Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JKXFD1G05MCSM Datasheet HTML 1Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
35
JKX Series
Technical characteristics
• Material and treatment
• Mechanical and climatics
Component
Material
Standard
Surface treatment (µm)
ISO
ASTM
Cr
Ni
Au
Outer shell and collet nut
Brass
CuZn40Pb3
C38500/C360
0.1 - 0.6
5 - 8
-
Latching sleeve & metal collet
Brass
CuZn40Pb3
C38500/C360
-
5 - 8
-
Shielding ring
Brass
CuZn40Pb3
C38500/C360
-
3 - 7
-
Nut
Brass
CuZn40Pb3
C38500/C360
5 - 8
-
Tapered washer and half bushes
Brass
CuZn40Pb3
C38500/C360
-
5 - 8
-
Socket contact (1)
Copper-nickel
CuNi1Pb1P
CDA C 19150
-
3 - 5
0.5
Pin contact (1)
Brass
CuZn35Pb2
C35300/C360
-
3 - 5
0.5
Clip
Beryllium copper
CuBe1,9
C17200/C360
-
-
-
Component
Material
Color
Temperature withstanding
Insert
PPS + 40%GF
black
- 65°C + 200°C
- 85°F + 392°F
or PEEK + 15%GF
brown
- 50°C + 250°C
- 58°F + 482°F
Plastic collet
PA 6/6 + MoS2
black
- 55°C + 125°C
- 67°F + 257°F
Cable seal
Silicon rubber
red
- 50°C + 250°C
- 58°F + 482°F
Characteristics
Values
Standard
Method
Endurance
> 1000 cycles (except for 0.7 mm crimp contacts for which
MIL-STD
2016.1
endurance is limited to 500 cycles)
1344A
Shock
50 g, duration 6 ms ; contact Ø 0.7 mm and 0.9 mm
MIL-STD
2004.1
100 g, duration 6 ms ; contact Ø 1.3 mm - 1.6 mm and 2 mm
1344A
Vibrations
10 to 2000 Hz γ = 15 g, contact Ø 0.7 mm and 0.9 mm
MIL-STD
2005.1
γ = 20 g, contact Ø 1.3 mm - 1.6 mm and 2 mm
1344A
Protection index
IP 68 (watertight - 48 hours under 1 m of water)
CEI 529
- 55°C + 125°C
with plastic collets
- 67°F
+ 257°F
--
Operating temperature
with optional metal collets
- 55°C + 200°C
- 67°F
+ 392°F
-
-
(1) Gold thickness as per MIL-G-45204C type 1, class 00.
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com