Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
39
JKX Series
• Collets selection according to cable diameters
3 or 5 collets per shell size allow a wide range of cable diameters for a single connector. Cable out diameters are for information
only, since values will change with each cable construction.
Cable diameter
Shell size 0
Size 0, option G
Shell size 1
Size 1, option G
1
1.5 - 2.5
-
2 - 2.5
-
2
2.6 - 3.5
-
2.6 - 3.5
-
3
3.6 - 4.5
-
3.6 - 4.5
6.1 - 6.7
4
-
4.6 - 5.5
4.6 - 5.5
6.8 - 7.7
5
-
5.6 - 6
5.6 - 6
7.8 - 8
Collet number 4 in shell size 0 and collet number 6 in shell size 1 are not used.
Discreet application based on cable diameter
• Cable seal selections according to cable size
Collet number
Cable diameter
Shell size 0
Size 0, option G
Shell size 1
Size 1, option G
2
1.5 - 2.9
3.5
3 - 4.5
2.5
2 - 3.4
-
4
4.6 - 4.9
3.5 - 4.9
-
5.5
5 - 6
5 - 6
6.1 - 6.4
7
6.5 - 8
Cable gland
Ø A
2
4
3
5
6
1
Advised torque* in Nm
0
0
(option G)
1
1
(option G)
1.6
/
1.8
/
1.5
2.5
0.8
1
22
0.8
1
Size
mm
14 x 1
16 x 1
0
0
(option G)
1
1
(option G)
17
813
10
11
12
14
19
10
Size
Tools
(jaw dimensions)
Wiring and assembly instructions
• Coupling torques
Tool dimensions
Torque values are the maximum allowable for each connector size.
Torque values will vary due to the type and size of the cable used
*Apply thread lock to back nut prior to assembly.
Tool numbers can be found on page 32
• Shielding
Tested according to MIL-STD 1344 A, method 3007
Shell size
0
4
1
3
G
A
mV
Ø A
Electrical
continuity (m
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com