Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JKXFD1G05MCSM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
40
JBX Series
sealed version size 2
Key features
• Sealed IP 67 (mated connectors)(FE, EC, SE, & PC)
• Watertight receptacles IP68 (HC & HH)
• Mechanically keyed : ensure correct polarisation and
alignment.
• Contact arrangements : from 2 to 19 contacts.
• Wire gauge range from 26 AWG to 12 AWG.
• High contact density in a small space.
• Contact termination in either crimp, solder or PCB
contacts.
Part number system
R
S D S
C
M
12
G
2
FE
JBX
Basic series
Shell type
FE-HH-HC-EC-PE-SE
Shell size
2
Keying
G
Contact layouts
02 ---------- 19
Contact type
M : pin
F : socket (in relation with keying)
Contact termination
C : crimp ; S : solder ; P* : straight PCB tails ; Q* : 90° PCB tails
Material & surface plating
S : Outer shell in brass alloy with chrome over nickel
N : Outer shell in brass alloy with black plating (consult us)
D : Obligatory suffix
S : Obligatory suffix
Option
R : FE, PE, HH, & HC N/A for EC & SE
* For receptacles with female contacts only.
User advantages
Wet environment IP67
6-collet cluster
Allows a wide range of cable diameter
applications for a single connector.
Reduces inventory variations.
Removable contacts
(EC, FE, SE & PE)
Crimp versions allow easier wiring and
maintenance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com