Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
TEST PPROBE See probe model 40.
STANDARD BBANANA PPLUG: See Part No. 9214.
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
COLOR CHART
Red, black
All probes come standard with 9398 tip.
Standard wire for the following leads is 18 AWG PVC.
36”
48”
60”
90cm
120cm
150cm
Additional lead lengths, wire types, and custom leads are
available upon request.
PLEASE SPECIFY LENGTH IN INCHES WHEN ORDERING
Standard lengths include:
Probe No.
Part No.
Probe 40
BX640-(length)-(color)
TEST PPROBE See probe model 40.
STACKING SSTANDARD BBANANA PPLUG: See Part No. 9260.
LONG HANDLE TEST PPROBE TTO SSTACKING SSTANDARD BBANANA PPLUG, 118 AAWG PPVC
TEST PPROBE See probe model 40.
METER BBANANA PPLUG: See Part No. 9206.
Probe No.
Part No.
Probe 40
60140-(length)-(color)
Probe No.
Part No.
Probe 40
60540-(length)-(color)
TEST PPROBE See probe model 40.
.080” ((2.03mm) PPIN PPLUG: See Part No. 9250.
Probe No.
Part No.
Probe 40
AX640-(length)-(color)
TEST PPROBE See probe model 40.
STACKING ..080” ((2.03mm) PPIN PPLUG: See Part No. 9259.
TEST PPROBE TT0 ..080” ((2.03mm) SSTACKING PPIN PPLUG, 118 AAWG PPVC
Probe No.
Part No.
Probe 40
60240-(length)-(color)
Probe TTip 99398
Probe TTip 99399
Probe TTip 99400
PROBE M
MODEL 440
Lead length measurement
does not include handle.
37
LONG HHANDLE PPROBE AVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
LONG HHANDLE TTEST PPROBE AAND LLEADS
Orrderr DDesk: 11 ((800) 9995-HHOOK
LONG HANDLE TEST PPROBE TTO SSTANDARD BBANANA PPLUG, 118 AAWG PPVC
CONSTRUCTION: .080” (2.03mm) 1/4-32 threaded assembly, solderless connection. Plated brass tip. Clear acrylic probe unscrews into two
15” (381 mm) pieces for convenient storage.
Available with factory assembled leads only. 18 AWG PVC wire.
Part No. Description
9398
.080” Pin Tip for
Long Handle Probe
Part No. Description
9399
45O .080” Pin Tip for
Long Handle Probe
Part No. Description
9400
Extended .080” Pin Tip
for Long Handle Probe
N
NO
OTTEE:: Model 40 Probe comes standard with model
9398 tip. You may purchase additional tips separately.
Additional LLong HHandle PProbe TTips:
YYoouurr pp
rroobbee
w
wiillll ccoo
m
mee w
wiitthh
tthhiiss ttiipp
TEST PPROBE TTO M
METER BBANANA PPLUG, 118 AAWG PPVC
TEST PPROBE TT0 ..080” ((2.03mm) PPIN PPLUG, 118 AAWG PPVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com