Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 91Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 92Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 93Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 94Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 95Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 96Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 97Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 98Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
.080” Pin Plug: Part No. 9201. Nickel-plated brass body. Nylon handle. Solderless
assembly.
.080” PPIN PPLUG AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Standard Banana Plug: Part No. 9202. Nickel-plated brass body. Nickel silver spring.
Nylon handle. Solderless assembly.
STANDARD BBANANA PPLUG AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
.080” Stacking Pin Plug: Part No. 9259. Nickel-plated brass body. Beryllium copper
internal socket spring. Plastic handle. Snap together solderless assembly.
.080” SSTACKING PPIN PPLUG AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Stacking Standard Banana Plug: See Part No. 9260. Nickel-plated brass body.
Phosphor bronze spring. Plastic handle. Snap together solderless assembly.
STACKING SSTANDARD BBANANA PPLUG W
WITH HHEAVY LLEAD W
WIRE
ADAPTER
STACKING M
MINIATURE BBANANA PPLUG AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Stacking Miniature Banana Plug: Part No. 9261. Nickel-plated phosphor bronze
body. Nickel-plated brass socket. Beryllium copper spring. Plastic handle. Solderless
assembly.
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Mini-Hook: See Part No. XH
XH M
MACRO-HHOOK AADAPTER
XR M
MINI-HHOOK AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Mini-Hook: See Part No. XR
XL1 AAND XXL2 M
MINI-HHOOK AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Mini-Hook: See Part No. XL1 and XL2
BNC BBREAKOUTS
92
www.e-zz-hhooook.coom
m
Part No.
1010XL1
Part No.
1010XL2
Part No.
1016M
Part No.
1010XR
Part No.
1012
Part No.
1010XH
Part No.
1013
Part No.
1014
Part No.
1019
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com