Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 67Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 68Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 69Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 70Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 71Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 72Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 73Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 74Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
68
For use with breadboard circuits, experimental hookups and harness board connections, to pretest circuits, modules,
components and burn-in boards.
Use E-Z-Nailclip test terminals to hold wire ends firmly in place for a quick, sure connection. Smooth, tough hook holds
wire ends firmly against the nylon slide without cutting, nicking, or damaging lead wires. E-Z-Nailclips drive into wood
like a nail using the T-20 Tool, or can be pressed into predrilled holes. Products can easily be soldered below board and
simple finger tip operation saves in construction time by speeding wire placement. The rectangular hole design in the slide
eliminates hook rotation. Nailclips are available with a variety of factory-installed adapters.
Colors: Available in 10 colors.
www.e-zz-hhooook.coom
m
Construction:
One-piece nickel silver shaft and
hook. Durable heat and chemical
resistant nylon slide. Stainless steel
compression coil spring. Requires T-
20 tool to drive into wood or PE-93
Perf-eze adapter to press into
standard perf board holes.
Colors: Available in 10 colors.
Part No. Description
83-88
Hook for Multiple Wires
Part No. Description
84-11
High Temperature Hook
Construction:
One-piece nickel silver shaft and
hook. Durable heat and chemical
resistant nylon slide. Stainless steel
compression coil spring. Requires T-
20 tool to drive into wood or PE-93
Perf-eze adapter to press into
standard perf board holes.
HEAVY DDUTY TTEST TTERMINAL
Construction: Three-level copper,
nickel and tin plated tempered
steel hook. Nylon slide. Stainless
steel spring.
Colors: Available in 10 colors.
Materials aand FFinish
Housing:
Steel; copper, nickel, & tin-plated
Lever:
Nylon molded in ten different colors
Contact Bolt:
Brass nickel plated
Springs:
Stainless steel
Part No.
Description
82-22
Insulation-Piercing Wire Clamp
Mounting Board
Minimum hold
spacing for high
density grouping.
Part No. Description
81-11
Standard Hook
Construction:
One-piece nickel silver shaft and
hook. Durable heat and chemical
resistant nylon slide. Stainless steel
compression coil spring. Requires T-
20 tool to drive into wood or PE-93
Perf-eze adapter to press into
standard perf board holes.
Colors: Available in 10 colors.
INSULATION-PPIERCING W
WIRE CCLAMP
Part No. Description
86-11
Heavy Duty Hook
MULTIPLE W
WIRE TTEST TTERMINAL
STANDARD TTEST TTERMINAL
ALL M
METAL TTEST TTERMINAL FFOR
HIGH TTEMPERATURE UUSE
No need to strip wire end for continuity testing.
Wires can be installed from three different
sides. If more than one wire is to be held in the
same clamp, use the same wire AWG and insert
from the front only, and to the same depth.
Max. Jaw Opening
E-ZZ-N
NAILCLIP™ TTEST TERMINALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com