Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 66Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 67Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 68Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 69Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 70Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 71Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 72Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 73Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 122 page
background image
QUICK DISCONNECT
TERMINAL AADAPTERS
BASIC IINFORMATION
Convert plug-in connectors, terminals, posts
or sockets into ring terminals for easy
connections.
Part No. Description
8702 Terminal Ring on Standard
Banana Plug
Part No. Description
8703
Terminal Ring on Stacking
Standard Banana Plug
TERMINAL RRING TTO ..025” SSQUARE SSOCKET
Part No. Description
8707
.025” Square Socket
8710
.045” Square Socket
Part No. Description
8706
Direct for Lightweight
Connectors
Part No. Description
8705
.025” Square Socket
8709
.045” Square Socket
TERMINAL RRING O
ON M
MINIATURE BBANANA
PLUG
Part No. Description
8713
Terminal Ring on Miniature
Banana plug
TERMINAL RRING O
ON ..080” ((2.03mm) PPIN
PLUG
Part No. Description
8701
Terminal Ring on .080”
(2.03mm) Pin Plug
Part No. Description
8714
Terminal Ring on Stacking
Miniature Banana Plug
TERMINAL RRING O
ON SSTACKING
MINIATURE BBANANA PPLUG
TERMINAL RRING O
ON SSTACKING ..080”
(2.03mm) PPIN PPLUG
Each supplied with corresponding nut.
Part No.
Thread
I.D.
L
8716-44
4-40
.093”
.85”
8716-66
6-32
.118”
.80”
8716-88
8-32
.150”
.95”
8716-110 10-32
.175”
.85”
8716-225 1/4”-32 .230”
.50”
TERMINAL RRING O
ON M
MALE TTHREADED
POST
TERMINAL RRING O
ON FFEMALE TTHREAD
Part No.
Description I.D.
H
8715-44
4-40
.093” .205”
8715-66
6-32
.118” .210”
8715-88
8-32
.150” .265”
8715-110 10-32
.175” .268”
8715-225 1/4”-32
.230” .312”
67
Colors: Available in 10 colors.
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No. Description
8704
Terminal Ring on Stacking
.080” Pin Plug
TERMINAL RRING O
ON SSTACKING
STANDARD BBANANA PPLUG
TERMINAL RRING O
ON SSTANDARD BBANANA
PLUG
Colors: Available in 10 colors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com