Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 89Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 90Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 91Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 92Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 93Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 94Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 95Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 96Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 122 page
background image
.080” PPIN PPLUG AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
.080” Pin Plug: Part No. 9201. Nickel-plated brass body. Nylon handle. Solderless
assembly.
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle.
Wire: 22 AWG 65 x 40 Tinned copper PVC insulation .080” O.D.
.025” Sq. Socket: Part No. 9205-HS. Brass body. Gold-plated beryllium copper
spring. Crimp assembly. Covered with black heat shrink.
BNC FFEMALE TTO ..025 SSQUARE SSOCKET AADAPTER
STACKING SSTANDARD BBANANA PPLUG AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Stacking Standard Banana Plug: Part No. 9203. Nickel-plated brass body. Phosphor
bronze spring. Nylon handle. Solderless assembly.
STANDARD BBANANA PPLUG AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Standard Banana Plug: Part No. 9202. Nickel-plated brass body. Nickel silver spring.
Nylon handle. Solderless assembly.
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Miniature Alligator Clip: Part No. 9275.
Alligator is nickel-plated steel. Insulator
is molded P.V.C. Solder assembly.
MINIATURE AALLIGATOR CCLIP AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Standard Alligator Clip: Part No. 9274.
Alligator is nickel-plated steel. Insulator
is molded P.V.C. Solder assembly.
STANDARD AALLIGATOR CCLIP AADAPTER
XH M
MACRO HHOOK AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper center
contact. Connector is housed in a molded nylon handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Macro-Hook: See Part No. XH
.080” SSTACKING PPIN PPLUG AADAPTER
BNC Female: Tarnish resistant plated brass body. Silver plated beryllium copper
center contact. Connector is housed in a molded nylon handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
.080” Stacking Pin Plug: Part No. 9259. Nickel-plated brass body. Beryllium copper
internal socket spring. Plastic handle. Snap together solderless assembly.
Black Ground
Red Center
BNC BBREAKOUTS
90
www.e-zz-hhooook.coom
m
Part No.
1001XH
Part No.
1003
Part No.
1008
Part No.
1009M
Part No.
1009
Part No.
1006
Part No.
1005
Part No.
1004
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com