Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 74Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 75Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 76Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 77Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 78Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 79Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 80Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 81Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 122 page
background image
M
MAATTEERRIIAALLSS
HOUSING AND FITTINGS..................................BRASS
INSULATOR....................................................TEFLON
CENTER CONTACT............................................BRASS
OUTER CONTACT.........................BERYLLIUM COPPER
GASKET AND SEALS........................SILICONE RUBBER
FFIIN
NIISSHH
HOUSING AND FITTINGS.............TRI METAL TARNISH
RESISTANT PLATING
CONTACT...............................................SILVER PLATE
EELLEECCTTRRIICCAALL
NOMINAL IMP..............................................50 OHMS
FREQ. RANGE........................................DC to 11 GHz
VOLTAGE RATING......................................1000 VRMS
Part No. FITS TYPES OF CABLE IN RG/U SERIES
8920
55, 55A, 58, 58A, 58C, 141, 141A, 142, 142A, 142B
and 223
8926
59, 59A, 59B, 62, 62A, 62B, 62C, 71, 71A, 71B and 210
8928
174, 179A, 179B, 187,187A, 188, 188A and 316
BNC M
MALE CCONNECTOR
M
MAATTEERRIIAALLSS
FITTINGS................................................BRASS
INSULATOR...........................................TEFLON
CENTER CONTACT.............BERYLLIUM COPPER
GASKET AND SEALS..............SILICONE RUBBER
FFIIN
NIISSHH
FITTINGS............................TRI METAL TARNISH
RESISTANT PLATING
CONTACT...................................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP....................................50 OHMS
FREQ. RANGE..............................DC to 11 GHz
VOLTAGE RATING............................1000 VRMS
Part No.
FITS TYPES OF CABLE IN RG/U SERIES
8925
55, 55A, 58, 58A, 58C, 141, 141A, 142, 142A, 142B
and 223
8927
59, 59A, 59B, 62, 62A, 62B, 62C, 71, 71A, 71B and
210
BNC FFEMALE CCONNECTOR
Part No.
Description
9231
BNC Female Bulkhead Socket
BNC FFEMALE BBULKHEAD SSOCKET CCRIMP CCONSTRUCTION
Connector fits cables in RG/U series 58, 58A, 58C, 141 141A.
Part No.
Description
9257
BNC Female Isolated Ground Bulkhead
Feed-Through Receptacle
BNC FFEMALE TTO BBNC FFEMALE
ISOLATED G
GROUND BBULKHEAD FFEED-TTHROUGH
Part No.
Description
9233
BNC Female Panel Receptacle, 4 Hole Plate Mount
9233PC
BNC Female Receptacle, Printed Circuit Mount
BNC FFEMALE PPANEL RRECEPTACLE 44 HHOLE PPANEL M
MOUNT oor
PRINTED CCIRCUIT M
MOUNT
Part No.
Description
9234
BNC Male Panel Receptacle, 4 Hole Plate Mount
BNC M
MALE PPANEL RRECEPTACLE
4 HHOLE PPLATE M
MOUNT
BNC FFEMALE BBULKHEAD RRECEPTACLE
Part No.
Description
9230
BNC Female Panel Receptacle
BNC M
MALE BBULKHEAD RRECEPTACLE
Part No.
Description
9267
BNC Male Panel Receptacle
MOUNTING HOLE
MOUNTING HOLE
MOUNTING HOLE
MOUNTING HOLE
.134” MAX PANEL
THICKNESS
.188” MAX PANEL
THICKNESS
.176” MAX PANEL
THICKNESS
.241” MAX PANEL
THICKNESS
MOUNTING HOLE
BNC PPLUGS, RRECEPTACLES AAND AADAPTERS
75
Orrderr DDesk: 11 ((800) 9995-HHOOK
MOUNTING HOLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com