Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 59Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 60Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 61Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 62Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 63Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 64Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 65Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 66Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 122 page
background image
Construction: Housing is a three piece molded nylon assembly with a wire collet for
strain relief. Banana plug has a brass frame and beryllium copper contact spring; both
are nickel plated. Wire connection is soldered.(IEC 1010 Compliant)
Colors: Black, red, yellow, green, blue and white.
BANANA PPLUGS
RIGHT AANGLE SSTANDARD BBANANA PPLUG
Part No. Description
9304
Right Angle
Standard
Banana Plug
Construction: Nickel-plated brass body. Nickel-plated beryllium copper spring. Plastic
handle. Solderless assembly.
Colors: Available in red and black.
STACKING RRIGHT AANGLE SSTANDARD BBANANA PPLUG
Part No. Description
9307
Stacking
Right Angle
Standard
Banana Plug
Construction: Nickel-plated brass body and socket. Nickel-plated beryllium copper
spring. Plastic handle. Solderless assembly
Colors: Available in red and black.
SHROUDED RRIGHT AANGLE SSTANDARD BBANANA PPLUG
SHROUDED RRIGHT AANGLE SSTANDARD BBANANA PPLUG
Part No. Description
9302
Shrouded
Right Angle
Standard
Banana Plug
Fits most FLUKE, B&K PPRECISION, HHP, BBECKMAN, AAMPROBE, M
METERMAN, and
GREENLEE instruments with recessed receptacles for shrouded plugs.
Construction: Nickel-plated brass body. Nickel-plated phosphor bronze spring. Plastic
handle. Solderless assembly.
Colors: Black, brown, red, orange, yellow and violet.
STACKING SSHROUDED RRIGHT AANGLE SSTANDARD BBANANA PPLUG
Part No. Description
9305
Stacking
Shrouded
Right Angle
Std. Banana
Plug/Socket
Fits most AMPROBE BECKMAN, SIMPSON and TRIPLETT instruments with recessed
receptacles for shrouded plugs.
Construction: Male: Nickel-plated brass body. Nickel-plated beryllium copper spring.
Female: Nickel-plated beryllium copper socket. Plastic handle. Solderless assembly.
Colors: Available in red and black.
Construction: Housing is one piece molded nylon. Banana plug is machined brass
with a contact spring all nickel plated. Banana plug tip is insulated. Wire connection
is soldered. (IEC 1010 Compliant)
Colors: Available in red and black.
Part No. Description
9388
Retractable Shrouded Banana Plug
STRAIGHT SSHROUDED BBANANA PPLUG
Part No. Description
9386
Straight
Shrouded
Banana Plug
RETRACTABLE SSHROUDED BBANANA PPLUG
Part No. Description
9301
Shrouded Right
Angle Standard
Banana Plug
Fits most AMPROBE and BECKMAN instruments with recessed receptacles for
shrouded plugs.
Construction: Nickel-plated brass body. Nickel-plated beryllium copper spring. Plastic
handle. Solderless assembly.
Colors: Available in red and black.
STACKING SSHROUDED RRIGHT AANGLE SSTANDARD BBANANA PPLUG
Part No. Description
9306
Stacking
Shrouded
Right Angle
Standard
Banana
Plug/Socket
Fits most FLUKE, B&K PPRECISION, HHP, BBECKMAN, AAMPROBE, M
METERMAN, and
GREENLEE instruments with recessed receptacles for shrouded plugs.
Construction: Nickel-plated brass body and socket. Nickel-plated phosphor bronze
spring. Plastic handle. Solderless assembly.
Colors: Available in red and black.
60
www.e-zz-hhooook.coom
m
STANDARD BBANANA PPLUG FFEMALE 66-332 TTHREAD M
MOUNTED
Construction: Nickel plated brass body and screw. Tinned brass solder lug. Nickel-
plated beryllium copper spring. Maximum panel thickness .187”.
Part No. Description
8204
Standard
Banana
Plug
Construction: Nickel plated brass body and nut. Tinned brass solder lug. Nickel-
plated beryllium copper spring.
STANDARD BBANANA PPLUG 66-332 SSTUD M
MOUNTING
Part No. Description
8205
Standard
Banana
Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com