Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 65Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 66Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 67Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 68Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 69Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 70Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 71Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 72Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
PANEL MOUNTS
Part No.
Description
9402
Miniature Banana Socket Panel Mount
Construction: Nylon body with recessed entry design. Three-level copper, nickel and
tin plated brass contact and terminal. 1/4-32 UNEF thread. Nut furnished. Mounts in
.268” (6.80mm) hole. For panel thickness up to .156” (4.75mm).
Color: Available in red and black.
Construction: Nylon body with recessed closed entry design. Silver-plated beryllium
copper contact spring. Brass solder terminal is hot tin dipped. 1/4-32 nut furnished.
Mounted in .265” hole in panels up to 5/16” (6.35mm) thick.
Color: Available in red and black.
STANDARD BBANANA PPLUG BBINDING PPOST W
WITH TTURRET TTERMINAL
Part No.
Description
9280-(color) Standard Banana Plug Binding Post
Construction: Nylon body. 5/16-32 UNEF thread. For panel thickeness up to .281”
(7.15mm). Rated at 15 Amps, 5,000 VDC.
Color: Available in red, black and white.
Part No.
Description
9281-(color) European Binding Post
Construction: Nylon body. 5/16-32 UNEF thread. For panel thickness up to .281”
(7.15mm). Rated at 15 Amps, 5,000 VDC.
Color: Available in red, black and white.
STANDARD BBANANA PPLUG BBINDING PPOST W
WITH KKEYED
INSULATORS AAND TTURRET TTERMINAL
Part No.
Description
9282-(color) Standard Banana Plug Binding Post
Construction: Metal body. Bright tin-plated. For panel thickness from .062” (1.58mm)
to .250” (6.35mm). Rated at 15 Amps, 1,000 VAC RMS.
Color: Available in red, black and white.
Part No. Description
9406
Double Standard Banana Plug Binding Post
Construction: Nylon body. 5/16-32 UNEF thread. For panel thickness up to .250”
(7.15mm). Rated at 15 Amps, 8000 VDC.
Color: Available in red and black.
STANDARD DDOUBLE BBANANA SSOCKET BBINDING PPOST W
WITH
TURRET TTERMINAL
MINIATURE DDOUBLE BBANANA SSOCKET PPANEL M
MOUNT W
WITH
TURRET TTERMINALS
EUROPEAN BBINDING PPOST W
WITH TTURRET TTERMINAL FFOR
STANDARD BBANANA PPLUG
Construction: Nylon body. 5/16-32 UNEF thread. For panel thickness up to .250”
(7.15mm). Rated at 15 Amps, 8,000 VDC.
Color: Available in red and black.
Part No.
Description
9407
European Binding Post
EUROPEAN DDOUBLE BBINDING SSOCKET W
WITH TTURRET TTERMINAL
FOR SSTANDARD BBANANA PPLUG
Part No.
Description
9401
Standard .080” Tip Socket Panel Mount
STANDARD DDOUBLE ..080” ((2.03 m
mm) TTIP SSOCKET PPANEL M
MOUNT
WITH TTURRET TTERMINALS
66
www.e-zz-hhooook.coom
m
Mounting Holes
Mounting Holes
Mounting Holes
Mounting Holes
Mounting Hole
Mounting Hole
Mounting Hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com