Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXG25 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # AXG25
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXG25 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button AXG25 Datasheet HTML 71Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 72Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 73Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 74Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 75Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 76Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 77Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 78Page - List of Unclassifed Manufacturers AXG25 Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
9507
100, 500, and
18AWG 65x36
.045” (1.14mm)
5000
.144” (3.6mm)
+90OC
[800 Series]
1,000 feet
Tinned Copper
9508
100, 500, and
18AWG 65x36
.045” (1.14mm)
5000
.144” (3.6mm)
+150OC
[400 Series]
1,000 feet
Tinned Copper
9527
100, 500, and
24AWG 19x36
.010” (.254mm)
600
.044” (1.12mm)
+200OC
[300 Series]
1,000 feet
Silvered Copper
9510
100, 500, and
14AWG 105x34
.035” (.89mm)
1000
.145” (3.7mm)
+105OC
[1000 Series]
1,000 feet
Tinned Copper
9509
100, 500 , and
16AWG 105x36
.040” (1.02mm)
1000
.145” (3.7mm)
+105OC
[900 Series]
1,000 feet
Tinned Copper
WIRE AAND CCABLE
E-Z-Hook flexible test lead wire is made with high stranding to meet our strict quality specifications. Our large assortment of various gauges
and insulation options provides a solution for every testing need. Please contact our factory for specific requirements.
Spools: Wire can be purchased in spools of 100, 500 and 1,000 feet.
Colors: Black, brown, red, orange, yellow, green, blue, violet, gray and white.
Insulation: Available in PVC, Teflon, silicone, and rubber insulation.
Ordering IInformation: Please specify information as follows: part number-spool length-color (ex. 9501-100-Red).
*Coil cord not available in spools.
Part Number
Spool Length
AWG
Insulation
W.V.D.C.
Nominal O.D.
Temp.
(Stranding)
Thickness
9501
100, 500, and
28AWG 19x40
.015” (.39mm)
600
.047” (1.19mm)
+105OC
[701 Series]
1,000 feet
Tinned Copper
9504
100, 500, and
22AWG 65x40
.018” (.457mm) 1000 (300UL)
.070” (1.78mm)
+105OC
[200 Series]
1,000 feet
Tinned Copper
(60OC UL)
9704
* Coil-Lgth 7”
22AWG 26x36
.035” (.89mm)
1000
.100” (2.54mm)
+105OC
[200C Series]
Extends to 48”
Tinned Copper
9505
100, 500, and
20AWG 105x40
.020” (.508mm)
1000
.080” (2.03mm)
+105OC
[500 Series]
1,000 feet
Tinned Copper
9706
* Coil-Lgth 10”
20AWG 42x36
.040” (1.02mm)
5000
.144” (3.6mm)
+105OC
[600C Series]
Extends to 60”
Tinned Copper
9506
100, 500, and
18AWG 65x36
.045” (1.14mm)
5000
.144” (3.6mm)
+105OC
[600 Series]
1,000 feet
Tinned Copper
Red & Black only
Red & Black only
Red & Black only
Red & Black only
Red & Black only
72
www.e-zz-hhooook.coom
m
PVC INSULATED
RUBBER INSULATED
TEFLON INSULATED
SILICONE INSULATED
Insuation Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com