Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 16 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 16 Page - Rohm

Back Button BU7233F Datasheet HTML 12Page - Rohm BU7233F Datasheet HTML 13Page - Rohm BU7233F Datasheet HTML 14Page - Rohm BU7233F Datasheet HTML 15Page - Rohm BU7233F Datasheet HTML 16Page - Rohm BU7233F Datasheet HTML 17Page - Rohm BU7233F Datasheet HTML 18Page - Rohm BU7233F Datasheet HTML 19Page - Rohm BU7233F Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
16/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Application Information
NULL Method Conditions for Test Circuit1
VDD, VSS, EK, VICM Unit:V
Parameter
VF
SW1
SW2
SW3
VDD
VSS
EK
VICM
Calculation
Input Offset Voltage
VF1
ON
ON
OFF
3
0
-0.1
0.3
1
Large Signal Voltage Gain
VF2
ON
ON
ON
3
0
-0.3
0.3
2
VF3
-2.7
Common-mode Rejection Ratio
(Input Common-mode Voltage Range)
VF4
ON
ON
OFF
3
0
-0.1
0
3
VF5
3
Power Supply Rejection Ratio
VF6
ON
ON
OFF
1.8
0
-0.1
0.3
4
VF7
5.5
- Calculation -
1. Input Offset Voltage (VIO)
2. Large Signal Voltage Gain (AV)
3. Common-mode Rejection Ratio (CMRR)
4. Power Supply Rejection Ratio (PSRR)
Figure 41. Test Circuit 1(One channel only)
|VF5 -VF4|
CMRR = 20Log
V
ICM × (1+RF/RS)
[dB]
Av = 20Log
|VF3 -VF2|
E
K × (1+RF/RS)
[dB]
|VF7 - VF6|
VDD × (1+ R
F/RS)
[dB]
VIO =
1 + RF/RS
[V]
|VF1|
PSRR = 20Log
VICM
RS=50Ω
RS=50Ω
RF=50kΩ
RI=1MΩ
RI=1MΩ
0.1
μF
0.1
μF
SW1
SW2
50k
Ω
SW3
RL
VRL
0.47
μF
EK
500k
Ω
500k
Ω
VF
0.01
μF
15V
-15V
VDD
VSS
Vo
V
NULL
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com