Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 3 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 3 Page - Rohm

  BU7233F Datasheet HTML 1Page - Rohm BU7233F Datasheet HTML 2Page - Rohm BU7233F Datasheet HTML 3Page - Rohm BU7233F Datasheet HTML 4Page - Rohm BU7233F Datasheet HTML 5Page - Rohm BU7233F Datasheet HTML 6Page - Rohm BU7233F Datasheet HTML 7Page - Rohm BU7233F Datasheet HTML 8Page - Rohm BU7233F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Electrical Characteristics
○BU7230G, BU7230SG(Unless otherwise specified VDD=+3V, VSS=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 6)
VIO
25°C
-
1
11
mV
-
Input Offset Current
(Note 6)
IIO
25°C
-
1
-
pA
-
Input Bias Current
(Note 6)
IB
25°C
-
1
-
pA
-
Supply Current
(Note 7)
IDD
25°C
-
5
15
μA
RL=∞
Full Range
-
-
30
Maximum Output Voltage(High)
VOH
25°C
VDD-0.1
-
-
V
RL=10kΩ, VRL=3V
Maximum Output Voltage(Low)
VOL
25°C
-
-
VSS+0.1
V
RL=10kΩ
Large Signal Voltage Gain
AV
25°C
-
90
-
dB
RL=10kΩ
Input Common-mode
Voltage Range
VICM
25°C
0
-
3
V
VSS to VDD
Common-mode Rejection Ratio
CMRR
25°C
-
80
-
dB
-
Power Supply Rejection Ratio
PSRR
25°C
-
80
-
dB
-
Output Sink Current
(Note 8)
ISINK
25°C
3
6
-
mA
OUT=VSS+0.4V
Output Fall Time
tF
25°C
-
20
-
ns
RL=10kΩ
VRL=3V
CL=15pF
IN-=1.5V
100mV Overdrive
Propagation Delay Time L to H
tPLH
25°C
-
1.8
-
µs
Propagation Delay Time H to L
tPHL
25°C
-
0.6
-
µs
(Note 6) Absolute value
(Note 7) Full range:
BU7230G: TA=-40°C to +85°C
BU7230SG: TA=-40°C to +105°C
(Note 8) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com