Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 7 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 7 Page - Rohm

Back Button BU7233F Datasheet HTML 3Page - Rohm BU7233F Datasheet HTML 4Page - Rohm BU7233F Datasheet HTML 5Page - Rohm BU7233F Datasheet HTML 6Page - Rohm BU7233F Datasheet HTML 7Page - Rohm BU7233F Datasheet HTML 8Page - Rohm BU7233F Datasheet HTML 9Page - Rohm BU7233F Datasheet HTML 10Page - Rohm BU7233F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
7/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Typical Performance Curves - continued
○BU7230G, BU7230SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7230G: -40
C to +85C BU7230SG: -40C to +105C
0
1
2
3
4
5
6
1
2
34
56
Supply Voltage [V]
0
5
10
15
20
25
30
1
2
34
56
Supply Voltage [V]
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 7.
Maximum Output Voltage (Low) vs Supply Voltage
(RL=10kΩ)
Figure 5.
Maximum Output Voltage (High) vs Supply Voltage
(RL=10kΩ, VRL=VDD)
Figure 6.
Maximum Output Voltage (High) vs Ambient Temperature
(RL=10kΩ, VRL=VDD)
Figure 8.
Maximum Output Voltage (Low) vs Ambient Temperature
(RL=10kΩ)
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
-40°C
25°C
85°C
105°C
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
1.8V
5.5V
3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com