Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 19 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 19 Page - Rohm

Back Button BU7233F Datasheet HTML 15Page - Rohm BU7233F Datasheet HTML 16Page - Rohm BU7233F Datasheet HTML 17Page - Rohm BU7233F Datasheet HTML 18Page - Rohm BU7233F Datasheet HTML 19Page - Rohm BU7233F Datasheet HTML 20Page - Rohm BU7233F Datasheet HTML 21Page - Rohm BU7233F Datasheet HTML 22Page - Rohm BU7233F Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
19/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
(Note 12)
(Note 13)
Unit
5.4
5.5
mW/°C
When using the unit above TA =25°C, subtract the value above per Celsius degree. Power dissipation is the value
when FR4 glass epoxy board 70mm×70mm×1.6mm (copper foil area less than 3%) is mounted.
Figure 44. Thermal Resistance and Derating Curve
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
0.0
0.2
0.4
0.6
0.8
025
50
75
100
125
Ambient Temperature [°C]
BU7233F
(Note 13)
(e) BU7233F
(f) BU7233SF
85
105
BU7233SF
(Note 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com