Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 2 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 2 Page - Rohm

  BU7233F Datasheet HTML 1Page - Rohm BU7233F Datasheet HTML 2Page - Rohm BU7233F Datasheet HTML 3Page - Rohm BU7233F Datasheet HTML 4Page - Rohm BU7233F Datasheet HTML 5Page - Rohm BU7233F Datasheet HTML 6Page - Rohm BU7233F Datasheet HTML 7Page - Rohm BU7233F Datasheet HTML 8Page - Rohm BU7233F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Package
SSOP5
SOP8
BU7230G
BU7230SG
BU7233F
BU7233SF
Ordering Information
B
U
7
2
3
x
x
x
-
x
x
Part Number
Package
Packaging and Forming Specification
BU7230G
BU7230SG
BU7233F
BU7233SF
G
F
: SSOP5
: SOP8
TR: Embossed Tape and Reel
(SSOP5)
E2: Embossed Tape and Reel
(SOP8)
Line-up
Topr
Channels
Package
Orderable Part Number
-40°C to +85°C
1ch
SSOP5
Reel of 3000
BU7230G-TR
2ch
SOP8
Reel of 2500
BU7233F-E2
-40°C to +105°C
1ch
SSOP5
Reel of 3000
BU7230SG-TR
2ch
SOP8
Reel of 2500
BU7233SF-E2
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
BU7230G
BU7233F
BU7230SG
BU7233SF
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP5
0.54
(Note 1,3)
-
0.54
(Note 1,3)
-
W
SOP8
-
0.55
(Note 2,3)
-
0.55
(Note 2,3)
Differential Input
Voltage
(Note 4)
VID
VDD - VSS
V
Input Common-mode
Voltage Range
VICM
(VSS-0.3) to (VDD+0.3)
V
Input Current
(Note 5)
II
±10
mA
Operating Supply
Voltage
Vopr
+1.8 to +5.5
±0.9 to ±2.75
V
Operating
Temperature
Topr
-40 to +85
-40 to +105
°C
Storage Temperature
Tstg
-55 to +125
°C
Maximum Junction
Temperature
TJmax
+125
°C
(Note 1) To use at temperature above TA=25C reduce 5.4mW/C.
(Note 2) To use at temperature above TA=25C reduce 5.5mW/C.
(Note 3) Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 4) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input pin voltage is set to more than VSS.
(Note 5) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case
the IC is operated over the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com