Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 6 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 6 Page - Rohm

Back Button BU7233F Datasheet HTML 2Page - Rohm BU7233F Datasheet HTML 3Page - Rohm BU7233F Datasheet HTML 4Page - Rohm BU7233F Datasheet HTML 5Page - Rohm BU7233F Datasheet HTML 6Page - Rohm BU7233F Datasheet HTML 7Page - Rohm BU7233F Datasheet HTML 8Page - Rohm BU7233F Datasheet HTML 9Page - Rohm BU7233F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
6/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Typical Performance Curves
○BU7230G, BU7230SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU7230G: -40
C to +85C BU7230SG: -40C to +105C
0
2
4
6
8
10
12
12
3
4
56
Supply Voltage [V]
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 1.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 2.
Power Dissipation vs Ambient Temperature
(Derating Curve)
Figure 3.
Supply Current vs Supply Voltage
Figure 4.
Supply Current vs Ambient Temperature
-40°C
25°C
85°C
105°C
1.8V
5.5V
3.0V
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
BU7230G
BU7230SG
85
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com