Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 18 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 18 Page - Rohm

Back Button BU7233F Datasheet HTML 14Page - Rohm BU7233F Datasheet HTML 15Page - Rohm BU7233F Datasheet HTML 16Page - Rohm BU7233F Datasheet HTML 17Page - Rohm BU7233F Datasheet HTML 18Page - Rohm BU7233F Datasheet HTML 19Page - Rohm BU7233F Datasheet HTML 20Page - Rohm BU7233F Datasheet HTML 21Page - Rohm BU7233F Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Power Dissipation
Power dissipation (total loss) indicates the power that the IC can consume at TA=25°C (normal temperature). As the IC
consumes power, it heats up, causing its temperature to be higher than the ambient temperature. The allowable
temperature that the IC can accept is limited. This depends on the circuit configuration, manufacturing process, and
consumable power.
Power dissipation is determined by the allowable temperature within the IC (maximum junction temperature) and the
thermal resistance of the package used (heat dissipation capability). Maximum junction temperature is typically equal to the
maximum storage temperature. The heat generated through the consumption of power by the IC radiates from the mold
resin or lead frame of the package. Thermal resistance, represented by the symbol
θJA°C/W, indicates this heat dissipation
capability. Similarly, the temperature of an IC inside its package can be estimated by thermal resistance.
Figure 44(a) shows the model of the thermal resistance of the package. The equation below shows how to compute for the
thermal resistance (
θJA), given the ambient temperature (TA), maximum junction temperature (TJmax), and power dissipation
(PD).
θJA = (TJmax-TA) / PD
°C/W
The derating curve in Figure 44(b) indicates the power that the IC can consume with reference to ambient temperature.
Power consumption of the IC begins to attenuate at certain temperatures. This gradient is determined by Thermal
resistance (
θJA), which depends on the chip size, power consumption, package, ambient temperature, package condition,
wind velocity, etc. This may also vary even when the same of package is used. Thermal reduction curve indicates a
reference value measured at a specified condition. Figure 44(c) to (f) shows the derating curve for BU7230G, BU7230SG,
BU7233F and BU7233SF.
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
Ambient Temperature [°C]
BU7230G
(Note 12)
BU7230SG
(Note 12)
(c) BU7230G
(d) BU7230SG
85
105
(b) Derating Curve
Ambient Temperature TA[
C ]
Chip Surface Temperature TJ [C]
(a) Thermal Resistance
θJA=(TJmax-TA)/PD C/W
0
Ambient Temperature
TA[C]
P2
P1
25
125
75
100
50
Power Dissipation of LSI [W]
PDmax
TJmax
θ
JA2
θ
JA1
θ
JA2 <θJA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com