Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 17 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 17 Page - Rohm

Back Button BU7233F Datasheet HTML 13Page - Rohm BU7233F Datasheet HTML 14Page - Rohm BU7233F Datasheet HTML 15Page - Rohm BU7233F Datasheet HTML 16Page - Rohm BU7233F Datasheet HTML 17Page - Rohm BU7233F Datasheet HTML 18Page - Rohm BU7233F Datasheet HTML 19Page - Rohm BU7233F Datasheet HTML 20Page - Rohm BU7233F Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
17/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Output Wave
tPLH
tF
Input Wave
Input Voltage
Input Wave
Input Voltage
t
Output Voltage
0V
3V
1.5V
50%
50%
10%
90%
tPHL
Output Voltage
1.4V
1.6V
t
1.5V
100mV Overdrive
1.4V
1.6V
t
Vre
1.5V
100mV Overdrive
Output Wave
t
0V
3V
1.5V
Application Information - continued
Switch Conditions for Test Circuit 2
SW No.
SW1
SW2
SW3
SW4
SW5
SW6
SW7
SW8
Supply Current
OFF
ON
ON
OFF
OFF
OFF
OFF
OFF
Maximum Output Voltage (RL=10kΩ)
OFF
ON
ON
ON
OFF
OFF
ON
OFF
Output Current
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
Response Time
ON
OFF
ON
ON
ON
OFF
OFF
ON
Figure 42. Test Circuit 2 (One channel only)
SW1
SW2
+
-
SW5
SW6
SW7
SW4
SW3
CL
SW8
RL
VSS
VDD
OUT
IN+
IN-
VRL
Figure 43. Response Time Input and Output Wave
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com