Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU7233F Datasheet(PDF) 5 Page - Rohm

Part # BU7233F
Description  Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7233F Datasheet(HTML) 5 Page - Rohm

  BU7233F Datasheet HTML 1Page - Rohm BU7233F Datasheet HTML 2Page - Rohm BU7233F Datasheet HTML 3Page - Rohm BU7233F Datasheet HTML 4Page - Rohm BU7233F Datasheet HTML 5Page - Rohm BU7233F Datasheet HTML 6Page - Rohm BU7233F Datasheet HTML 7Page - Rohm BU7233F Datasheet HTML 8Page - Rohm BU7233F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR1G200440-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
5/24
25.Dec.2013 Rev.002
TSZ22111・15・001
BU7230G
BU7230SG
BU7233F
BU7233SF
Description of Electrical Characteristics
Described below are descriptions of the relevant electrical terms used in this datasheet. Items and symbols used are also
shown. Note that item name and symbol and their meaning may differ from those on another manufacturer’s document or
general document.
1. Absolute Maximum Ratings
Absolute maximum rating items indicate the condition which must not be exceeded. Application of voltage in excess of absolute
maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(1) Supply Voltage (VDD/VSS)
Indicates the maximum voltage that can be applied between the VDD terminal and VSS terminal without
deterioration or destruction of characteristics of internal circuit.
(2) Differential Input Voltage (VID)
Indicates the maximum voltage that can be applied between non-inverting and inverting terminals without damaging
the IC.
(3) Input Common-mode Voltage Range (VICM)
Indicates the maximum voltage that can be applied to the non-inverting and inverting terminals without deterioration
or destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure
normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics.
(4) Power Dissipation (PD)
Indicates the power that can be consumed by the IC when mounted on a specific board at the ambient temperature 25
°C
(normal temperature). As for package product, PD is determined by the temperature that can be permitted by the IC in
the package (maximum junction temperature) and the thermal resistance of the package.
2. Electrical Characteristics
(1) Input Offset Voltage (VIO)
Indicates the voltage difference between non-inverting terminal and inverting terminals. It can be translated into the
input voltage difference required for setting the output voltage at 0 V.
(2) Input Offset Current (IIO)
Indicates the difference of input bias current between the non-inverting and inverting terminals.
(3) Input Bias Current (IB)
Indicates the current that flows into or out of the input terminal. It is defined by the average of input bias currents at
the non-inverting and inverting terminals.
(4) Supply Current (IDD)
Indicates the current that flows within the IC under specified no-load conditions.
(5) Maximum Output Voltage(High) / Maximum Output Voltage(Low) (VOH/VOL)
Indicates the voltage range of the output under specified load condition. It is typically divided into maximum output
voltage High and low. Maximum output voltage high indicates the upper limit of output voltage. Maximum output
voltage low indicates the lower limit.
(6) Large Signal Voltage Gain (AV)
Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting terminal
and inverting terminal. It is normally the amplifying rate (gain) with reference to DC voltage.
Av = (Output voltage) / (Differential input voltage)
(7) Input Common-mode Voltage Range (VICM)
Indicates the input voltage range where IC normally operates.
(8) Common-mode Rejection Ratio (CMRR)
Indicates the ratio of fluctuation of input offset voltage when the input common mode voltage is changed. It is
normally the fluctuation of DC.
CMRR = (Change of input common-mode voltage)/(Input offset fluctuation)
(9) Power Supply Rejection Ratio (PSRR)
Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed.
It is normally the fluctuation of DC.
PSRR= (Change of power supply voltage)/(Input offset fluctuation)
(10) Output Sink Current (ISINK)
The maximum current that can be output from the IC under specific output conditions. The output sink current
indicates the current flowing into the IC.
(11) Output Fall Time (tF)
Indicates the time required for an output voltage step to change from 90% to 10% of its final value.
(12) Propagation Delay Time L to H /Propagation Delay Time H to L (tPLH / tPHL)
Indicates the time to reach 50% of the output voltage after the step voltage is applied at the input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com