Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 15Page - National Semiconductor (TI) THS4501CD Datasheet HTML 16Page - National Semiconductor (TI) THS4501CD Datasheet HTML 17Page - National Semiconductor (TI) THS4501CD Datasheet HTML 18Page - National Semiconductor (TI) THS4501CD Datasheet HTML 19Page - National Semiconductor (TI) THS4501CD Datasheet HTML 20Page - National Semiconductor (TI) THS4501CD Datasheet HTML 21Page - National Semiconductor (TI) THS4501CD Datasheet HTML 22Page - National Semiconductor (TI) THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
0
20
40
60
80
100
120
−10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
f − Frequency − MHz
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
1
10
100
0.01
0.1
1
10
100
Vn
In
f − Frequency − kHz
1000
10 k
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
f − Frequency − MHz
PIN = −20 dBm
RL = 800 Ω
Rf = 499 Ω
VS = 5 V
−40−30−20−100
10 20 30 40 50 60 70 80 90
Case Temperature −
°C
RL = 800 Ω
VS = 5 V
46
47
48
49
50
51
52
53
54
55
56
57
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
−150
−120
−90
−60
−30
0
30
f − Frequency − MHz
PIN = −30 dBm
RL = 800 Ω
VS = 5 V
Gain
Phase
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 5 V
IIB−
IIB+
IOS
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
−0.1
−0.09
−0.08
−0.07
−0.06
−0.05
−0.04
−0.03
−0.02
−0.01
0
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
0 0.5
1
1.5
2
2.5
3
3.5
4 4.5
5
VS − Supply Voltage − ±V
TA = 85°C
TA = 25°C
TA = −40°C
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS: 5 V (continued)
REJECTION RATIOS
REJECTION RATIOS
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
CASE TEMPERATURE
Figure 78.
Figure 79.
Figure 80.
OUTPUT BALANCE ERROR
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN
vs
vs
vs
FREQUENCY
FREQUENCY
CASE TEMPERATURE
Figure 81.
Figure 82.
Figure 83.
INPUT BIAS AND OFFSET
QUIESCENT CURRENT
INPUT OFFSET VOLTAGE
CURRENT
vs
vs
vs
CASE TEMPERATURE
SUPPLY VOLTAGE
CASE TEMPERATURE
Figure 84.
Figure 85.
Figure 86.
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com