Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 16Page - National Semiconductor (TI) THS4501CD Datasheet HTML 17Page - National Semiconductor (TI) THS4501CD Datasheet HTML 18Page - National Semiconductor (TI) THS4501CD Datasheet HTML 19Page - National Semiconductor (TI) THS4501CD Datasheet HTML 20Page - National Semiconductor (TI) THS4501CD Datasheet HTML 21Page - National Semiconductor (TI) THS4501CD Datasheet HTML 22Page - National Semiconductor (TI) THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) THS4501CD Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VOCM − Output Common-Mode Voltage − V
Single-Ended and
Differential Input
Gain = 1
VO = 2 VPP
Rf = 392 Ω
f= 8 MHz, VS = 5 V
HD2-Diff
HD2-SE
1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 3.25 3.5
HD3-SE
and Diff
−10
0
10
20
30
40
50
60
70
80
90
100
110
−1
0
1
2
3
4
5
Input Common-Mode Range − V
VS = 5 V
−150
−100
−50
0
50
100
150
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 5 V
Source
Sink
0
5
10
15
20
25
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
Power-down Voltage − V
VS = 5 V
−800
−600
−400
−200
0
200
400
600
800
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VOC − Output Common-Mode Voltage − V
−3
−2
−1
0
1
2
3
4
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 392 Ω
PIN= −20 dBm
VS = 5 V
0
100
200
300
400
500
600
700
800
900
1000
1100
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 400 Ω
Rf = 499 Ω
PIN = −1 dBm
VS = 5 V
−1
−2
−5
0 0.5 1
2
0
100.5 101
102
103
−3
−6
−4
0
0.01
0.03
0.02
t − Time − ms
1.5
2.5 3
Current
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
RL = 800 Ω
VS = 5 V
0
100
200
300
400
500
600
700
800
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: 5 V (continued)
HARMONIC DISTORTION
OUTPUT DRIVE
COMMON-MODE REJECTION RATIO
vs
vs
vs
OUTPUT COMMON-MODE
INPUT COMMON-MODE RANGE
CASE TEMPERATURE
VOLTAGE
Figure 87.
Figure 88.
Figure 89.
OUTPUT OFFSET VOLTAGE
QUIESCENT CURRENT
vs
SMALL-SIGNAL FREQUENCY
OUTPUT COMMON-MODE
vs
RESPONSE AT VOCM
VOLTAGE
POWER-DOWN VOLTAGE
Figure 90.
Figure 91.
Figure 92.
SINGLE-ENDED OUTPUT
POWER-DOWN QUIESCENT
IMPEDANCE IN POWER-DOWN
CURRENT
TURN-ON AND TURN-OFF DELAY
vs
vs
TIME
FREQUENCY
CASE TEMPERATURE
Figure 93.
Figure 94.
Figure 95.
20
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com