Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 18Page - National Semiconductor (TI) THS4501CD Datasheet HTML 19Page - National Semiconductor (TI) THS4501CD Datasheet HTML 20Page - National Semiconductor (TI) THS4501CD Datasheet HTML 21Page - National Semiconductor (TI) THS4501CD Datasheet HTML 22Page - National Semiconductor (TI) THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) THS4501CD Datasheet HTML 24Page - National Semiconductor (TI) THS4501CD Datasheet HTML 25Page - National Semiconductor (TI) THS4501CD Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
V
IN
-
1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S
-
V
OUT
-
PD
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIER
TERMINAL FUNCTIONS
FULLY DIFFERENTIAL AMPLIFIERS
Fully differential amplifiers are typically packaged in
Differential signaling offers a number of performance
eight-pin packages, as shown in Figure 97. The
advantages in high-speed analog signal processing
device pins include two inputs (VIN+, VIN–), two
systems,
including
immunity
to
external
outputs (VOUT–, VOUT+), two power supplies (VS+, VS–),
common-mode noise, suppression of even-order
an output common-mode control pin (VOCM), and an
nonlinearities, and increased dynamic range. Fully
optional power-down pin (PD).
differential amplifiers not only serve as the primary
means of providing gain to a differential signal chain,
but also provide a monolithic solution for converting
single-ended
signals
into
differential
signals
for
easier, higher performance processing. The THS4500
family of amplifiers contains products in Texas
Instruments' expanding line of high-performance, fully
differential amplifiers. Information on fully differential
amplifier fundamentals, as well as implementation
specific information, is presented in the Applications
Section of this data sheet to provide a better
understanding of the operation of the THS4500 family
of devices, and to simplify the design process for
Figure 97. Fully Differential Amplifier Pin Diagram
designs using these amplifiers.
A standard configuration for the device is shown in
APPLICATIONS SECTION
Figure 97. The functionality of a fully differential
•
Fully Differential Amplifier Terminal Functions
amplifier can be imagined as two inverting amplifiers
•
Input Common-Mode Voltage Range and the
that share a common noninverting terminal (though
THS4500 Family
the voltage is not necessarily fixed). For more
information on the basic theory of operation for fully
•
Choosing the Proper Value for the Feedback and
differential amplifiers, refer to the Texas Instruments
Gain Resistors
application note Fully Differential Amplifiers, literature
•
Application
Circuits
Using
Fully
Differential
number SLOA054
, available for download
Amplifiers
at www.ti.com.
•
Key Design Considerations for Interfacing to an
Analog-to-Digital Converter
INPUT COMMON-MODE VOLTAGE RANGE
•
Setting the Output Common-Mode Voltage With
AND THE THS4500 FAMILY
the VOCM Input
The key difference between the THS4500/1 and the
•
Saving Power with Power-Down Functionality
THS4502/3 is the input common-mode range for the
•
Linearity:
Definitions,
Terminology,
Circuit
four devices. The THS4502 and THS4503 have an
Techniques, and Design Tradeoffs
input common-mode range that is centered around
•
An
Abbreviated
Analysis
of
Noise
in
Fully
midrail, and the THS4500 and THS4501 have an
Differential Amplifiers
input common-mode range that is shifted to include
•
Printed-Circuit
Board
Layout
Techniques
for
the negative power-supply rail. Selection of one or
Optimal Performance
the other amplifier is determined by the nature of the
application. Specifically, the THS4500 and THS4501
•
Power Dissipation and Thermal Considerations
are designed for use in single-supply applications
•
Power
Supply
Decoupling
Techniques
and
where the input signal is ground-referenced, as
Recommendations
depicted in Figure 98. The THS4502 and THS4503
•
Evaluation
Fixtures,
Spice
Models,
and
are designed for use in single-supply or split-supply
Applications Support
applications where the input signal is centered
•
Additional Reference Material
between the power-supply voltages, as depicted in
Figure 99.
22
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com