Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) THS4501CD Datasheet HTML 24Page - National Semiconductor (TI) THS4501CD Datasheet HTML 25Page - National Semiconductor (TI) THS4501CD Datasheet HTML 26Page - National Semiconductor (TI) THS4501CD Datasheet HTML 27Page - National Semiconductor (TI) THS4501CD Datasheet HTML 28Page - National Semiconductor (TI) THS4501CD Datasheet HTML 29Page - National Semiconductor (TI) THS4501CD Datasheet HTML 30Page - National Semiconductor (TI) THS4501CD Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
R =50kW
R =50kW
VS+
VS-
VOCM
IIN
IIN =
2 VOCM
V
- S+ - VS-
R
VOCM =2.5V
5V
VS
RS
RG1
RG2
RF1
RF2
+
RT
+
RL
2.5-VDC
2.5-VDC
DCCurrentPathtoGround
DCCurrentPathtoGround
I2 =
VOCM
RF2 +RG2
I1 =
VOCM
RF1+RG1+RS ||RT
-
-
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
detrimental effect on the distortion performance. The
capacitance is a reasonable value for eliminating a
preferred method of filtering is to use the feedback
great deal of broadband interference, but additional,
network,
as
the
typically
smaller
capacitances
tuned decoupling capacitors should be considered if a
required at these points in the circuit do not load the
specific source of electromagnetic or radio frequency
amplifier nearly as heavily in the passband.
interference is present elsewhere in the system.
Information on the ac performance (bandwidth, slew
rate) of the VOCM circuitry is included in the Electrical
SETTING THE OUTPUT COMMON-MODE
Characteristics and Typical Characterisitcs sections.
VOLTAGE WITH THE VOCM INPUT
Since the VOCM pin provides the ability to set an
The output common-mode voltage pin provides a
output
common-mode
voltage,
the
ability
for
critical function to the fully differential amplifier; it
increased
power
dissipation
exists.
While
this
accepts an input voltage and reproduces that input
possibility does not pose a performance problem for
voltage as the output common-mode voltage. In other
the
amplifier,
it
can
cause
additional
power
words, the VOCM input provides the ability to level-shift
dissipation of which the system designer should be
the outputs to any voltage inside the output voltage
aware. The circuit shown in Figure 107 demonstrates
swing of the amplifier.
an example of this phenomenon. For a device
A description of the input circuitry of the VOCM pin is
operating on a single 5-V supply with an input signal
shown
in
Figure
106
to
facilitate
an
easier
referenced
around
ground
and
an
output
understanding of the VOCM interface requirements.
common-mode voltage of 2.5 V, a dc potential exists
The VOCM pin has two 50-kΩ resistors between the
between the outputs and the inputs of the device. The
power
supply
rails
to
set
the
default
output
amplifier sources current into the feedback network in
common-mode voltage to midrail. A voltage applied to
order to provide the circuit with the proper operating
the VOCM pin alters the output common-mode voltage
point. While there are no serious effects on the circuit
as long as the source has the ability to provide
performance, the extra power dissipation may need to
enough current to overdrive the two 50-k
Ω resistors.
be included in the system power budget.
This phenomenon is depicted in the VOCM equivalent
circuit diagram. Current drive is especially important
when
using
the
reference
voltage
of
an
analog-to-digital converter to drive VOCM. Output
current drive capabilities differ from part to part, so a
voltage
buffer
may
be
necessary
in
some
applications.
Figure 106. Equivalent Input Circuit for VOCM
Figure 107. Depiction of DC Power Dissipation
Caused By Output Level-Shifting in a DC-Coupled
Circuit
By design, the input signal applied to the VOCM pin
propagates to the outputs as a common-mode signal.
As shown in Figure 106, the VOCM input has a high
impedance associated with it, dictated by the two
50-k
Ω resistors. While the high impedance allows for
relaxed drive requirements, it also allows the pin and
any associated PCB traces to act as an antenna. For
this reason, a decoupling capacitor is recommended
on this node for the sole purpose of filtering any
high-frequency noise that could couple into the signal
path through the VOCM circuitry. A 0.1-μF or 1-μF
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com