Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 20Page - National Semiconductor (TI) THS4501CD Datasheet HTML 21Page - National Semiconductor (TI) THS4501CD Datasheet HTML 22Page - National Semiconductor (TI) THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) THS4501CD Datasheet HTML 24Page - National Semiconductor (TI) THS4501CD Datasheet HTML 25Page - National Semiconductor (TI) THS4501CD Datasheet HTML 26Page - National Semiconductor (TI) THS4501CD Datasheet HTML 27Page - National Semiconductor (TI) THS4501CD Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Gain
V
OD
V
IN
RS
R3
R1
R4
+
RT
+
VP
VOCM
-
-
VS
Vout+
Vout-
Vn
R2
R
T
+
1
1
R
S
–
1–
K
2(1)K)
R3
K +
R2
R1
R2 + R4
R3 + R1 * Rs || RT
β
1 +
R1
R1 ) R2
β
2 +
R3 ) RT || RS
R3 ) RT || RS ) R4
V
OD
V
S
+ 2
1–
β
2
β
1
) β2
R
T
R
T
) RS
V
OD
V
IN
+ 2
1–
β
2
β
1
) β2
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
Table 2. Midrail Referenced
Gain
VIN+
VIN–
VIN
VOCM
VOD
VNMIN
VNMAX
(V/V)
(V)
(V)
(VPP)
(V)
(VPP)
(V)
(V)
1
0.5 to 4.5
2.5
4
2.5
4
2
3
2
1.5 to 3.5
2.5
2
2.5
4
2.16
2.83
4
2.0 to 3.0
2.5
1
2.5
4
2.3
2.7
8
2.25 to 2.75
2.5
0.5
2.5
4
2.389
2.61
Table 3. Resistor Values for Balanced Operation
CHOOSING THE PROPER VALUE FOR THE
in Various Gain Configurations
FEEDBACK AND GAIN RESISTORS
The selection of feedback and gain resistors impacts
R2 and R4
R1 (
Ω)
R3 (
Ω)
RT (Ω)
circuit performance in a number of ways. The values
(
Ω)
presented in this section provide the optimum
high-frequency performance (lowest distortion, flat
1
392
412
383
54.9
frequency response). Since the THS4500 family of
1
499
523
487
53.6
amplifiers is developed with a voltage feedback
2
392
215
187
60.4
architecture, the choice of resistor values does not
2
1.3 k
665
634
52.3
have a dominant effect on bandwidth, unlike a
current-feedback amplifier. However, resistor choices
5
1.3 k
274
249
56.2
do
have
second-order
effects.
For
optimal
5
3.32 k
681
649
52.3
performance, the following feedback resistor values
10
1.3 k
147
118
64.9
are recommended. In higher gain configurations (gain
10
6.81 k
698
681
52.3
greater than two), the feedback resistor values have
much less effect on the high-frequency performance.
Example feedback and gain resistor values are given
in
the
section
on
basic
design
considerations
(Table 3).
Amplifier loading, noise, and the flatness of the
frequency response are three design parameters that
should
be
considered
when
selecting
feedback
resistors. Larger resistor values contribute more noise
and can induce peaking in the ac response in low
gain configurations; smaller resistor values can load
the amplifier more heavily, resulting in a reduction in
distortion performance. In addition, feedback resistor
Figure 101. Diagram for Design Calculations
values, coupled with gain requirements, determine
the value of the gain resistors and directly impact the
Equations for calculating fully differential amplifier
input impedance of the entire circuit. While there are
resistor values in order to obtain balanced operation
no strict rules about resistor selection, these trends
in the presence of a 50-
Ω source impedance are
can provide qualitative design guidance.
given in Equation 6 through Equation 9.
APPLICATION CIRCUITS USING FULLY
DIFFERENTIAL AMPLIFIERS
Fully differential amplifiers provide designers with a
(6)
great
deal
of
flexibility
in
a
wide
variety
of
applications. This section provides an overview of
some common circuit configurations and gives some
(7)
design guidelines. Designing the interface to an
analog-to-digital
converter
(ADC),
driving
lines
differentially,
and
filtering
with
fully
differential
(8)
amplifiers are a few of the circuits that are covered.
(9)
BASIC DESIGN CONSIDERATIONS
The circuits in Figure 98 through Figure 101 are used
to highlight basic design considerations for fully
differential amplifier circuit designs.
24
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com