Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 19Page - National Semiconductor (TI) THS4501CD Datasheet HTML 20Page - National Semiconductor (TI) THS4501CD Datasheet HTML 21Page - National Semiconductor (TI) THS4501CD Datasheet HTML 22Page - National Semiconductor (TI) THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) THS4501CD Datasheet HTML 24Page - National Semiconductor (TI) THS4501CD Datasheet HTML 25Page - National Semiconductor (TI) THS4501CD Datasheet HTML 26Page - National Semiconductor (TI) THS4501CD Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
V
OUT) +
V
IN)(1–β)–VIN–(1–β) ) 2VOCMβ
2
β
V
OUT– +
–V
IN)(1–β) ) VIN–(1–β) ) 2VOCMβ
2
β
V
N + VIN–(1–β) ) V OUT)β
VOCM
+VS
VS
RS
RG1
RG2
RF1
RF2
+
RT
+
-
-
β +
R
G
R
F ) RG
V
P + VIN)(1–β) ) VOUT–β
VOCM
RG
RG
RF
RF
+
+
VP
VN
VOUT
-
VOUT+
VIN+
VIN
-
-
-
VOCM
+VS
VS
RS
RG1
RG2
RF1
RF2
+
RT
+
-
VS
-
-
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
(1)
(2)
(3)
Where:
(4)
Figure 98. Application Circuit for the THS4500
and THS4501, Featuring Single-Supply Operation
NOTE: The equations denote the device inputs as VN and VP, and
the circuit inputs as VIN+ and VIN–.
(5)
With a Ground-Reference Input Signal
Figure 100. Diagram For Input Common-Mode
Figure 99. Application Circuit for the THS4500
Range Equations
and THS4501, Featuring Split-Supply Operation
With an Input Signal Referenced at the Midrail
Table 1 and Table 2 depict the input common-mode
range requirements for two different input scenarios,
Equation 1 through Equation 5 are used to calculate
an input referenced around the negative rail and an
the required input common-mode range for a given
input referenced around midrail. The tables highlight
set of input conditions.
the differing requirements on input common-mode
range, and illustrate the reasoning to choose either
The
equations
allow
calculation
of
the
input
the THS4500/1 or the THS4502/3. For signals
common-mode range requirements, given information
referenced around the negative power supply, the
about the input signal, the output voltage swing, the
THS4500/1 should be chosen because its input
gain,
and
the
output
common-mode
voltage.
common-mode range includes the negative supply
Calculating the maximum and minimum voltage
rail. For all other situations, the THS4502/3 offers
required for VN and VP (the amplifier input nodes)
slightly improved distortion and noise performance for
determines whether or not the input common-mode
applications with input signals centered between the
range is violated or not. Four equations are required:
power-supply rails.
two calculate the output voltages and two calculate
the node voltages at VN and VP (note that only one of
these nodes needs calculation, because the amplifier
forces a virtual short between the two nodes).
Table 1. Negative-Rail Referenced
Gain
VIN+
VIN–
VIN
VOCM
VOD
VNMIN
VNMAX
(V/V)
(V)
(V)
(VPP)
(V)
(VPP)
(V)
(V)
1
–2.0 to 2.0
0
4
2.5
4
0.75
1.75
2
–1.0 to 1.0
0
2
2.5
4
0.5
1.167
4
–0.5 to 0.5
0
1
2.5
4
0.3
0.7
8
–0.25 to 0.25
0
0.5
2.5
4
0.167
0.389
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com