Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 22Page - National Semiconductor (TI) THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) THS4501CD Datasheet HTML 24Page - National Semiconductor (TI) THS4501CD Datasheet HTML 25Page - National Semiconductor (TI) THS4501CD Datasheet HTML 26Page - National Semiconductor (TI) THS4501CD Datasheet HTML 27Page - National Semiconductor (TI) THS4501CD Datasheet HTML 28Page - National Semiconductor (TI) THS4501CD Datasheet HTML 29Page - National Semiconductor (TI) THS4501CD Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
VOCM
15V
VS
RS
RG
RF
RF
+
RT
+
RG
CG
0.1 mF
CG
THS4500/2
VDD
CS
CS
RL
VOD =26VPP
RISO
RISO
-
-
+
+
VOCM
12-Bit/80MSPS
IN
IN
5 V
CM
5 V
5
V
VS
10 mF
0.1 mF
10 mF
0.1 mF
THS4503
RF
RF
CF
CF
1 mF
RG
RG
0.1 mF
RT
RS
ADS5410
RISO
RISO
-
-
+
+
VOCM
14-Bit/40MSPS
IN
IN
5 V
CM
5 V
VS
10 mF
0.1 mF
THS4501
RF
RF
CF
CF
1 mF
RG
RG
RT
RS
ADS5421
0.1 mF
RISO
RISO
-
-
VS
RS
RG1
RF1
RF2
+
RT
+
VO
RISO
C
CF2
CF1
RG2
RISO
-
-
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
Figure 104. Fully Differential Line Driver With
High Output Swing
Figure 102. Using the THS4503 With the ADS5410
FILTERING WITH FULLY DIFFERENTIAL
AMPLIFIERS
Similar to single-ended counterparts, fully differential
amplifiers
have
the
ability
to
couple
filtering
functionality
with
voltage
gain.
Numerous
filter
topologies
can
be
based
on
fully
differential
amplifiers. Several of these are outlined in the
application report A Differential Circuit Collection
(literature number SLOA064), referenced at the end
of this data sheet. The circuit below depicts a simple,
two-pole, low-pass filter applicable to many different
types of systems. The first pole is set by the resistors
and capacitors in the feedback paths, and the second
pole is set by the isolation resistors and the capacitor
across the outputs of the isolation resistors.
Figure 103. Using the THS4501 With the ADS5421
FULLY DIFFERENTIAL LINE DRIVERS
The THS4500 family of amplifiers can be used as
high-frequency, high-swing differential line drivers.
The
high
power-supply
voltage
rating
(16.5
V
absolute maximum) allows operation on a single 12-V
or a single 15-V supply. The high supply voltage,
coupled with the ability to provide differential outputs,
enables the ability to drive 26 VPP into reasonably
heavy loads (250
Ω or greater). The circuit in
Figure 105. A Two-Pole, Low-Pass Filter Design
Figure 104 illustrates the THS4500 family of devices
Using a Fully Differential Amplifier With Poles
used as high-speed line drivers. For line driver
Located at: P1 = (2
πRFCF)
–1 in Hz and
applications, close attention must be paid to thermal
P2 = (4
πRISOC)
–1 in Hz
design constraints because of the typically high level
of power dissipation.
Often, filters like these are used to eliminate
broadband noise and out-of-band distortion products
in signal acquisition systems. It should be noted that
the increased load placed on the output of the
amplifier
by
the
second
low-pass
filter
has
a
26
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com