Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 5Page - National Semiconductor (TI) THS4501CD Datasheet HTML 6Page - National Semiconductor (TI) THS4501CD Datasheet HTML 7Page - National Semiconductor (TI) THS4501CD Datasheet HTML 8Page - National Semiconductor (TI) THS4501CD Datasheet HTML 9Page - National Semiconductor (TI) THS4501CD Datasheet HTML 10Page - National Semiconductor (TI) THS4501CD Datasheet HTML 11Page - National Semiconductor (TI) THS4501CD Datasheet HTML 12Page - National Semiconductor (TI) THS4501CD Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
Table of Graphs (5 V)
FIGURE
Small-signal unity-gain frequency response
51
Small-signal frequency response
52
0.1-dB gain flatness frequency response
53
Large-signal frequency response
54
Harmonic distortion (single-ended input to differential output)
vs Frequency
55, 57, 63, 65
Harmonic distortion (differential input to differential output)
vs Frequency
56, 58, 64, 66
Harmonic distortion (single-ended input to differential output)
vs Output voltage swing
59, 61, 67, 69
Harmonic distortion (differential input to differential output)
vs Output voltage swing
60, 62, 68, 70
Harmonic distortion (single-ended input to differential output)
vs Load resistance
71
Harmonic distortion (differential input to differential output)
vs Load resistance
72
Third-order intermodulation distortion
vs Frequency
73
Third-order intercept point
vs Frequency
74
Slew rate
vs Differential output voltage step
75
Large-signal transient response
76
Small-signal transient response
77
Voltage and current noise
vs Frequency
78
Rejection ratios
vs Frequency
79
Rejection ratios
vs Case temperature
80
Output balance error
vs Frequency
81
Open-loop gain and phase
vs Frequency
82
Open-loop gain
vs Case temperature
83
Input bias offset current
vs Case temperature
84
Quiescent current
vs Supply voltage
85
Input offset voltage
vs Case temperature
86
Common-mode rejection ratio
vs Input common-mode range
87
Output drive
vs Case temperature
88
Harmonic distortion (single-ended and differential input)
vs Output common-mode voltage
89
Small-signal frequency response at VOCM
90
Output offset voltage
vs Output common-mode voltage
91
Quiescent current
vs Power-down voltage
92
Turn-on and turn-off delay times
93
Single-ended output impedance in power-down
vs Frequency
94
vs Case temperature
95
Power-down quiescent current
vs Supply voltage
96
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com