Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4501CD Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4501CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CD Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button THS4501CD Datasheet HTML 21Page - National Semiconductor (TI) THS4501CD Datasheet HTML 22Page - National Semiconductor (TI) THS4501CD Datasheet HTML 23Page - National Semiconductor (TI) THS4501CD Datasheet HTML 24Page - National Semiconductor (TI) THS4501CD Datasheet HTML 25Page - National Semiconductor (TI) THS4501CD Datasheet HTML 26Page - National Semiconductor (TI) THS4501CD Datasheet HTML 27Page - National Semiconductor (TI) THS4501CD Datasheet HTML 28Page - National Semiconductor (TI) THS4501CD Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
For more detailed information about balance in fully
voltage regardless of the load impedance present.
differential amplifiers, see the application report, Fully
Terminating the output of a fully differential
Differential Amplifiers (SLOA054), referenced at the
amplifier with a heavy load adversely affects the
end of this data sheet.
amplifier linearity.
•
Comprehend the VOCM input drive requirements.
INTERFACING TO AN ANALOG-TO-DIGITAL
Determine if the ADC voltage reference can
CONVERTER
provide the required amount of current to move
VOCM to the desired value. A buffer may be
The THS4500 family of amplifiers are designed
needed.
specifically
to
interface
to
today's
•
Decouple the VOCM pin to eliminate the antenna
highest-performance ADCs. This section highlights
effect. VOCM is a high-impedance node that can
the key concerns when interfacing to an ADC and
act as an antenna. A large decoupling capacitor
provides example interface circuits.
on this node eliminates this problem.
There
are
several
key
design
concerns
when
•
Know the input common-mode range. If the input
interfacing to an analog-to-digital converter:
signal
is
referenced
around
the
negative
•
Terminate
the
input
source
properly.
In
power-supply rail (for example, around ground on
high-frequency receiver chains, the source that
a single 5 V supply), then the THS4500/1
feeds the fully differential amplifier requires a
accommodates the input signal. If the input signal
specific load impedance (that is, 50
Ω).
is
referenced
around
midrail,
choose
the
•
Design a symmetric printed circuit board (PCB)
THS4502/3 for the best operation.
layout. Even-order distortion products are heavily
•
Packaging
makes
a
difference
at
higher
influenced by layout, and careful attention to a
frequencies. If possible, choose the smaller,
symmetric
layout
minimizes
these
distortion
thermally-enhanced MSOP package for the best
products.
performance.
As
a
rule,
lower
junction
•
Minimize inductance in power-supply decoupling
temperatures
provide
better
performance.
If
traces
and
components.
Poor
power-supply
possible, use a thermally-enhanced package,
decoupling can have a dramatic effect on circuit
even if the power dissipation is relatively small
performance. Since the outputs are differential,
compared to the maximum power dissipation
differential currents exist in the power-supply pins.
rating to achieve the best results.
Thus, decoupling capacitors should be placed in a
•
Understand the effect of the load impedance seen
manner that minimizes the impedance of the
by the fully differential amplifier when performing
current loop.
system-level intercept point calculations. Lighter
•
Use separate analog and digital power supplies
loads (such as those presented by an ADC) allow
and grounds. Noise (bounce) in the power
smaller intercept points to support the same level
supplies (created by digital switching currents) can
of intermodulation distortion performance.
couple
directly
into
the
signal
path,
and
power-supply noise can create higher distortion
EXAMPLE ANALOG-TO-DIGITAL
products as well.
CONVERTER DRIVER CIRCUITS
•
Use care when filtering. While an RC low-pass
The THS4500 family of devices is designed to drive
filter may be desirable on the output of the
high-performance ADCs with extremely high linearity,
amplifier to filter broadband noise, the excess
allowing for the maximum effective number of bits at
loading
can
negatively
impact
the
amplifier
the output of the data converter. Two representative
linearity. Filtering in the feedback path does not
circuits shown below highlight single-supply operation
have this effect.
and split supply operation, respectively. Specific
•
AC-coupling
allows
easier
circuit
design.
If
feedback
resistor,
gain
resistor,
and
feedback
dc-coupling is required, be aware of the excess
capacitor values are not shown, as these values
power
dissipation
that
can
occur
due
to
depend on the frequency of interest. Information on
level-shifting
the
output
through
the
output
calculating
these
values
can
be
found
in
the
common-mode voltage control.
applications material above.
•
Do not terminate the output unless required. Many
open-loop,
class-A
amplifiers
require
50-
Ω
termination for proper operation, but closed-loop
fully differential amplifiers drive a specific output
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com