Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4330 Datasheet HTML 2Page - Cirrus Logic CS4330 Datasheet HTML 3Page - Cirrus Logic CS4330 Datasheet HTML 4Page - Cirrus Logic CS4330 Datasheet HTML 5Page - Cirrus Logic CS4330 Datasheet HTML 6Page - Cirrus Logic CS4330 Datasheet HTML 7Page - Cirrus Logic CS4330 Datasheet HTML 8Page - Cirrus Logic CS4330 Datasheet HTML 9Page - Cirrus Logic CS4330 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
DEM/SCLK
6
2.4k
Ω
Audio
Data
Processor
External Clock
MCLK
AGND
AOUTR
CS4330
CS4331
CS4333
SDATA
LRCK
VA+
AOUTL
3
1
2
4
7
0.1
µF
+
10
µF
+3V/+5V
10
µF
8
C
56k
Ω
Left Audio
Output
*
*
2.4k
Ω
10
µF
5
C
56k
Ω
Right Audio
Output
*
*
* Required for AC coupling only
**
**
** C =
1
(2
π)(2400Ω)(Fs)(2)
+
+
Figure 1. Recommended Connection Diagram
CS4330, CS4331, CS4333
6
DS136F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com