Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4330 Datasheet HTML 15Page - Cirrus Logic CS4330 Datasheet HTML 16Page - Cirrus Logic CS4330 Datasheet HTML 17Page - Cirrus Logic CS4330 Datasheet HTML 18Page - Cirrus Logic CS4330 Datasheet HTML 19Page - Cirrus Logic CS4330 Datasheet HTML 20Page - Cirrus Logic CS4330 Datasheet HTML 21Page - Cirrus Logic CS4330 Datasheet HTML 22Page - Cirrus Logic CS4330 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
PIN DESCRIPTIONS
Power Supply Connections
VA+ - Positive Analog Power, PIN 7.
Positive analog supply. Nominally +5V or +3V.
AGND - Analog Ground, PIN 6.
Analog ground reference.
Analog Outputs
AOUTL - Analog Left Channel Output, PIN 8.
Analog output for the left channel. Typically 3.7 Vpp for a full-scale input signal at VA+ = 5V
and 1.85 Vpp at VA+ = 3V.
AOUTR - Analog Right Channel Output, PIN 5.
Analog output for the right channel. Typically 3.7 Vpp for a full-scale input signal at VA+ = 5V
and 1.85 Vpp at VA+ = 3V.
Digital Inputs
MCLK - Master Clock Input, PIN 4.
The frequency must be 256
×, 384× , or 512× the input sample rate (Fs).
LRCK - Left/Right Clock, PIN 3.
This input determines which channel is currently being input on the Audio Serial Data Input
pin, SDATA.
SDATA - Audio Serial Data Input, PIN 1.
Two’s complement MSB-first serial data is input on this pin. The data is clocked into the
CS4330, CS4331, and CS4333 via internal or external SCLK and the channel is determined by
LRCK.
DEM/SCLK - De-emphasis / External serial clock input , PIN 2.
A dual-purpose input used for de-emphasis filter control or external serial clock input.
SERIAL DATA INPUT
SDATA
AOUTL
ANALOG LEFT CHANNEL OUTPUT
DE-EMPHASIS / SCLK
DEM/SCLK
VA+
ANALOG POWER
LEFT / RIGHT CLOCK
LRCK
AGND
ANALOG GROUND
MASTER CLOCK
MCLK
AOUTR
ANALOG RIGHT CHANNEL OUTPUT
7
2
6
3
5
4
8
1
CS4330, CS4331, CS4333
DS136F1
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com