Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4330 Datasheet HTML 1Page - Cirrus Logic CS4330 Datasheet HTML 2Page - Cirrus Logic CS4330 Datasheet HTML 3Page - Cirrus Logic CS4330 Datasheet HTML 4Page - Cirrus Logic CS4330 Datasheet HTML 5Page - Cirrus Logic CS4330 Datasheet HTML 6Page - Cirrus Logic CS4330 Datasheet HTML 7Page - Cirrus Logic CS4330 Datasheet HTML 8Page - Cirrus Logic CS4330 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
ANALOG CHARACTERISTICS (TA = 25°C; Logic "1" = VA+; Logic "0" = AGND; MCLK = 12.288 MHz;
Full-Scale Output Sine Wave, 991 Hz; Input Sample Rate = 48 kHz; Input Data = 18 Bits; SCLK = 3.072 MHz;
Measurement Bandwidth is 10 Hz to 20 kHz, unweighted; unless otherwise specified. Resistive load = 20 k
Ω, capaci-
tive load = 100 pF)
CS4330/31/33-KS
VA +5V
CS4330/31/33-KS
VA +3V
CS4330/31/33-BS
VA +5V only
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
TA
-10
to
70
-10
to
70
-40
to
+85
°C
Resolution
-
-
18
-
-
18
-
-
18
Bits
Dynamic Performance
Dynamic Range
(A-weighted)
90
94
-
-
89
-
88
94
-
dB
Total Harmonic Distortion
-
0.003 0.007
-
0.003
-
-
.003
.008
%
Total Harmonic Distortion + Noise
0 dB Output,
-20 dB Output,
-60 dB Output
THD+N
-
-
-
-86
-72
-32
-81
-68
-28
-
-
-
-85
-67
-27
-80
-
-
-88
-
-
-86
-72
-32
-79
-66
-26
dB
dB
dB
Deviation From Linear Phase
(Note 1)
-
± 0.5
--
± 0.5
--
± 0.5
-deg
Passband: to 0.05 dB corner
(Note 2,3)
0
to
21.77
0
to
21.77
0
to
21.77
kHz
Frequency Response 10 Hz to 20 kHz(Note 1)
-
± 0.1
--
± 0.1
--
± 0.1
-dB
Passband Ripple
(Note 3)
-
-
±0.05
--
±0.05
--
±0.05
dB
StopBand
(Notes 2,3)
26.23
26.23
26.23
-
-
kHz
StopBand Attenuation
(Note 4)
60
-
-
60
-
-
60
-
-
dB
Group Delay (Fs = Input Sample Rate)
tgd
-
16 / Fs
-
-
16 / Fs
-
-
16 / Fs
-
s
Interchannel Isolation (1 kHz)
-
90
-
-
90
-
-
90
-
dB
dc Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
-
0.1
-
dB
Gain Error
-
-
± 10
--
± 10
--
± 10
%
Gain Drift
-
250
-
-
250
-
-
250
-
ppm/
°C
Analog Output
Full Scale Output Voltage
3.33
3.70
4.07
1.66
1.85
2.03
3.33
3.70
4.07
Vpp
Output Common Mode Voltage
-
2.3
-
-
1.3
-
-
2.3
-
VDC
Minimum Resistive Load
-
10
-
-
10
-
-
20
-
k
Ω
Maximum Capacitive Load
-
100
-
-
100
-
-
100
-
pF
Power Supplies
Power Supply Current:
normal operation
power-down
IA+
IA+
-
-
28
60
32
-
-
-
20
20
25
-
-
-
28
60
32
-
mA
µA
Power Dissipation
normal operation
power-down
-
-
140
0.3
160
-
-
-
60
0.06
75
-
-
-
140
0.3
160
-
mW
mW
Power Supply Rejection Ratio
(1 kHz)
PSRR
-
50
-
-
50
-
-
50
-
dB
Notes: 1.
Combined digital and analog filter characteristics.
2.
The passband and stopband edges scale with frequency. For input sample rates, Fs, other than
48 kHz, the 0.05 dB passband edge is 0.4535
×Fs and the stopband edge is 0.5465×Fs.
3.
Digital filter characteristics.
4.
Measurement Bandwidth is 10 Hz to Fs (kHz)
CS4330, CS4331, CS4333
2
DS136F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com